Electronic Components Datasheet Search
  English  ▼

X  

2007 Datasheet(PDF) 1 Page - XFMRS Inc.

Part # 2007
Description  10 BASE T ISOLATION MAGNETICS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XFMRS [XFMRS Inc.]
Direct Link  http://www.xfmrs.com
Logo XFMRS - XFMRS Inc.

2007 Datasheet(HTML) 1 Page - XFMRS Inc.

  2007 Datasheet HTML 1Page - XFMRS Inc. 2007 Datasheet HTML 2Page - XFMRS Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
XFMRS
XFMRS, INC.
1940 Landersdale Road • Camby, Indiana 46113 • Tel. (317) 834-1066 • Fax: (317) 834-1067
XFMRS
1
50
100
200
50
100
200
100
100
100
100
200
200
200
200
140
1CT:1CT
1CT:1CT
1CT:1CT
1CT:1CT
1CT:1CT
1CT:1CT
2CT:1CT / 1:1
2CT:1CT / 1:1
2CT:1CT / 1:1
2CT:1CT / 1:1
1CT:1CT / 1CT:1.414CT
1CT:1CT / 1CT:1.414CT
1CT:1CT / 1CT:1.414CT
1CT:1CT / 1CT:1.414CT
1CT:1CT / 1CT:1.414CT
0.20
0.20
0.25
0.20
0.20
0.25
0.40 / 0.20
0.40 / 0.20
0.40 / 0.20
0.40 / 0.20
0.30 / 0.30
0.30 / 0.30
0.30 / 0.30
0.30 / 0.30
0.40 / 0.40
10 BASE T ISOLATION MAGNETICS
• SURFACE MOUNT AND THRU-HOLE PACKAGES
• 2000 VRMS ISOLATION STANDARD
• SUPERIOR MATERIALS USED
• CUSTOM DESIGNS WELCOME AT NO EXTRA COST
• WITH AND WITHOUT COMMON MODE CHOKES
PART
NUMBER
PRI
OCL
(uH ±20%)
XF0506CA
XF1006CA
XF2006CA
XF0506CB
XF1006CB
XF2006CB
XF10062A
XF10062B
XF10063A
XF10063B
XF20065A
XF20065B
XF20064A
XF20064B
XF1406DB
ELECTRICAL SPECIFICATIONS:
SCHEMATIC/
PACKAGE
STYLE
C/A
C/A
C/A
C/B
C/B
C/B
2/A
2/B
3/A
3/B
5/A
5/B
4/A
4/B
5/B
SEC
DCR
(OHMS MAX)
0.20
0.30
0.40
0.20
0.30
0.35
0.30
0.30
0.30
0.30
0.40
0.40
0.40
0.40
0.30
PRI
DCR
(OHMS MAX)
0.20
0.30
0.40
0.20
0.30
0.35
0.30
0.30
0.30
0.30
0.40
0.40
0.40
0.40
0.30
PRI/SEC
L
L
(uH MAX)
PRI/SEC
Cw/w
(pF MAX)
10
10
15
10
10
15
10 / 10
10 / 10
10 / 10
10 / 10
10 / 10
15 / 15
15 / 15
15 / 15
15 / 15
ET
CONS.
(V-uS MIN)
2.0
2.5
3.0
2.0
2.5
3.0
2.0
2.0
2.0
2.0
3.0
3.0
3.0
3.0
3.0
CHOKE
OCL
(uH ±20%)
N/A
N/A
N/A
N/A
N/A
N/A
30
30
N/A
N/A
30
30
N/A
N/A
30
TURNS
RATIO
(±2%)


Similar Part No. - 2007

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
2007 SCHURTER-2007 Datasheet
380Kb / 2P
IEC Interconnection Cord with IEC Connector C13, V-Lock, straight
logo
Toshiba Semiconductor
2007-000070 TOSHIBA-2007-000070 Datasheet
5Mb / 70P
COLOUR TELEVISION
logo
Samsung semiconductor
2007-000070 SAMSUNG-2007-000070 Datasheet
1Mb / 43P
Color Monitor
September 1999
2007-000071 SAMSUNG-2007-000071 Datasheet
1Mb / 43P
Color Monitor
September 1999
2007-000074 SAMSUNG-2007-000074 Datasheet
1Mb / 43P
Color Monitor
September 1999
More results

Similar Description - 2007

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
X20064B2 XFMRS-X20064B2 Datasheet
61Kb / 1P
10 BASE T-ISOLATION MAGNETICS
XF20066B XFMRS-XF20066B Datasheet
46Kb / 1P
10 BASE T ISOLATION MAGNETICS
XF05061A XFMRS-XF05061A Datasheet
45Kb / 2P
10 BASE T MAGNETICS ISOLATION MAGNETICS
2005 XFMRS-2005 Datasheet
45Kb / 2P
10 BASE T MAGNETICS ISOLATION MAGNETICS
X20064B1 XFMRS-X20064B1 Datasheet
52Kb / 1P
10 BASE T-ISOLATION MAGNETICS
X20064B2 XFMRS-X20064B2 Datasheet
61Kb / 1P
10 BASE T-ISOLATION MAGNETICS
X20064B2 XFMRS-X20064B2_15 Datasheet
61Kb / 1P
10 BASE T ISOLATION MAGNETICS
XF20064B XFMRS-XF20064B_15 Datasheet
46Kb / 1P
10 BASE T ISOLATION MAGNETICS
XF150667B XFMRS-XF150667B_15 Datasheet
62Kb / 1P
10 BASE T ISOLATION MAGNETICS
XF200669B XFMRS-XF200669B_15 Datasheet
94Kb / 1P
10 BASE T ISOLATION MAGNETICS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com