Electronic Components Datasheet Search
  English  ▼

X  

2017 Datasheet(PDF) 1 Page - XFMRS Inc.

Part # 2017
Description  RESISTOR MODULES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XFMRS [XFMRS Inc.]
Direct Link  http://www.xfmrs.com
Logo XFMRS - XFMRS Inc.

2017 Datasheet(HTML) 1 Page - XFMRS Inc.

  2017 Datasheet HTML 1Page - XFMRS Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
XFMRS
XFMRS, INC.
1940 Landersdale Road • Camby, Indiana 46113 • Tel. (317) 834-1066 • Fax: (317) 834-1067
XFMRS
1
10 BASE T
INTEGRATED FILTER / MAGNETIC
CHOKE / RESISTOR MODULES
• HIGHLY INTEGRATED MODULE - REPLACE UP TO SEVEN (7) COMPONENTS
WITH ONE (1)
• CUSTOM DESIGNS
• SURFACE MOUNT AVAILABLE
ELECTRICAL SPECIFICATIONS:
ISOLATION
: 2,000 VRMS
INSERTION LOSS (1-10MHz)
: 1 db MAX
INBAND VARIATION
: 0.30 db MAX
RETURN LOSS (1-10MHz)
: 20 db MIN
CROSS TALK (1-10MHz)
: 30 db MIN
ATTENUATION AT 30 MHz
TRANSMIT
: 27 db MIN
RECEIVE
: 18 db MIN
CUT OFF
: 17 MHz TYPICAL
I/O IMPEDANCE
: 100 / 400 OHMS
XF20062R
FILTERS, TRANSFORMERS, RESISTORS
XF20064R
FILTERS, TRANSFORMERS, CHOKES, RESISTORS
XF20061R
FILTERS, TRANSFORMERS
XF20063R
FILTERS, TRANSFORMERS, CHOKES
XMT
REC
1
2
3
50
Ω
50
Ω
1:1
Five Pole Filter
Optional
Optional
16
15
14
6
7
8
200
Ω
200
Ω
2:1
Seven Pole Filter
11
10
9
0.300 MAX
20.32 MAX
.400 MAX
10.16 MAX
XFRMS
XXXX
XXXX.00
DATE CODE
250 MAX
6.35 MAX
.120 TYP
3.04 TYP
.700
17.78
.100 TYP
2.54 TYP
.300
7.62
XFMRS
XXXX


Similar Part No. - 2017

ManufacturerPart #DatasheetDescription
logo
Heyco.
2017 HEYCO-2017 Datasheet
120Kb / 1P
Thick Panel Snap Bushings
logo
Adafruit Industries
2017 ADAFRUIT-2017 Datasheet
453Kb / 2P
Mini Solderless Breadboard - 2x4 Points
7-25-17
logo
Bourns Electronic Solut...
2017-09 BOURNS-2017-09 Datasheet
594Kb / 3P
Gas Discharge Tube Surge Arrestor with FLAT짰 Technology
2017-09-A-RPLF BOURNS-2017-09-A-RPLF Datasheet
534Kb / 3P
Gas Discharge Tube Surge Arrestor with FLAT Technology
2017-09-SMC-RPLF BOURNS-2017-09-SMC-RPLF Datasheet
534Kb / 3P
Gas Discharge Tube Surge Arrestor with FLAT Technology
More results

Similar Description - 2017

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MCC56-16IO1 IXYS-MCC56-16IO1 Datasheet
159Kb / 4P
Thyristor Modules /Diode Modules
MCC170 IXYS-MCC170 Datasheet
81Kb / 4P
Thyristor Modules Thyristor/Diode Modules
MCC26 IXYS-MCC26 Datasheet
165Kb / 4P
Thyristor Modules Thyristor/Diode Modules
MCC44 IXYS-MCC44 Datasheet
160Kb / 4P
Thyristor Modules Thyristor/Diode Modules
MCC132 IXYS-MCC132 Datasheet
172Kb / 4P
Thyristor Modules Thyristor/Diode Modules
MCC224 IXYS-MCC224 Datasheet
99Kb / 4P
Thyristor Modules Thyristor/Diode Modules
MCC225 IXYS-MCC225 Datasheet
99Kb / 4P
Thyristor Modules Thyristor/Diode Modules
MCC250 IXYS-MCC250 Datasheet
142Kb / 4P
Thyristor Modules Thyristor/Diode Modules
MCC56 IXYS-MCC56 Datasheet
178Kb / 4P
Thyristor Modules Thyristor/Diode Modules
logo
Dubilier
DMR16 DUBILIER-DMR16 Datasheet
245Kb / 2P
RESISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com