Electronic Components Datasheet Search
  English  ▼

X  

APS2012 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # APS2012
Description  PowerVerter짰 APS 2000W Inverter/Charger with Auto-Transfer Switching and Hardwire Input/Output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

APS2012 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  APS2012 Datasheet HTML 1Page - List of Unclassifed Manufacturers APS2012 Datasheet HTML 2Page - List of Unclassifed Manufacturers APS2012 Datasheet HTML 3Page - List of Unclassifed Manufacturers APS2012 Datasheet HTML 4Page - List of Unclassifed Manufacturers APS2012 Datasheet HTML 5Page - List of Unclassifed Manufacturers APS2012 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Overload protection
Includes 25A input breaker dedicated to the charging system and 20A output breaker for AC output loads
Outlet quantity / type
Hardwire
INPUT
Nominal Input Voltage(s) Supported
120V AC
Recommended Electrical Service
DC INPUT: Requires 12V DC input source capable of delivering 192A for the required duration (when used at full
continuous capacity - DC requirements increase during Over-Power and Double-Boost operation).
Maximum input amps / watts
DC INPUT: Full continuous load - 192A at 12V DC. AC INPUT: 38 amps at 120V AC with full inverter and charger
load (21A max charger-only / combined input load to support charger and AC output is automatically controllable to
66%-33%-0% based on AC output l
Input connection type
DC INPUT: Set of 2 DC bolt-down terminals. AC INPUT: Hardwire via built in junction box with cover plate. User
supplies cabling. 4 gauge or larger (see manual). AC INPUT: user supplies hardwire input cabling.
Voltage compatibility (VAC)
120
Voltage compatibility (VDC)
12
BATTERY
Expandable battery runtime
Runtime is expandable with any number of user supplied wet or gel type batteries
DC system voltage (VDC)
12
Battery Pack Accessory (optional)
98-121 sealed lead acid battery (optional)
Battery charge
25A/100A (selectable)
LEDS ALARMS & SWITCHES
Switches
3 position on/off/remote switch enables simple on/off power control plus "auto/remote" setting that enables distant
on/off control of the inverter system when used in conjunction with optional APSRM4 accessory when used in
inverter mode. In AC uninterruptible power mode, "auto/remote" setting enables automatic transfer from line power
to battery power - to maintain continuous AC power to connected loads.
Front panel LEDs
Set of 6 LEDs offer continuous status information on load percentage (6 levels reported) and battery charge level (7
levels reported). See manual for sequences.
SURGE / NOISE SUPPRESSION
AC suppression joule rating
600
PHYSICAL
Shipping Dimensions (HWD/in)
13.25 x 15 x 21.5
Shipping Dimensions (HWD/cm)
33.66 x 38.1 x 54.61
Shipping weight (lbs)
43.2
Shipping weight (kg)
19.6
Unit Dimensions (HWD/in)
7.25 x 8.5 x 16.25
Unit Dimensions (HWD/cm)
18.42 x 21.59 x 41.28
Unit weight (lbs)
40
3 / 5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com