Electronic Components Datasheet Search
  English  ▼

X  

2102 Datasheet(PDF) 1 Page - XFMRS Inc.

Part # 2102
Description  QUAD PORT MODULE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XFMRS [XFMRS Inc.]
Direct Link  http://www.xfmrs.com
Logo XFMRS - XFMRS Inc.

2102 Datasheet(HTML) 1 Page - XFMRS Inc.

  2102 Datasheet HTML 1Page - XFMRS Inc. 2102 Datasheet HTML 2Page - XFMRS Inc. 2102 Datasheet HTML 3Page - XFMRS Inc. 2102 Datasheet HTML 4Page - XFMRS Inc. 2102 Datasheet HTML 5Page - XFMRS Inc. 2102 Datasheet HTML 6Page - XFMRS Inc. 2102 Datasheet HTML 7Page - XFMRS Inc. 2102 Datasheet HTML 8Page - XFMRS Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
XFMRS
XFMRS, INC.
1940 Landersdale Road • Camby, Indiana 46113 • Tel. (317) 834-1066 • Fax: (317) 834-1067
XFMRS
1
10/100BASE-T QUAD PORT MODULE
Electrical Specifications:
•
MEETS OPEN CIRCUIT INDUCTANCE (OCL) SPECIFICATIONS OF 350uH MIN WITH 8mA DC BIAS FROM
0-70oC
•
CMR CHOKE COIL OCL IS 30uH MIN
•
CUSTOM DESIGNS AVAILABLE FOR MOST APPLICATIONS
XF6694Q1
XFATM8Q1
XFATM8Q2
XFATM8Q3
XFATM8Q4
XFATM8Q5
XFATM8Q6
XFATM8Q7
XFATM8Q7A
XFATM8Q7B
XFATM8Q8
XFATM8Q9
XFATM8Q10
XFATM8Q11
XFATM8Q11A
XFATM8Q12
XFATM8Q12A
XFATM8Q13
XFATM8Q13A
XFATM8Q14
XFATM8Q14A
XFATM8Q15
XFATM8Q15A
XFATM8Q15B
XFATM8Q16
XFATM8Q17
XF5208Q1
XF5208Q2
XF5208Q3
1:1
1:1
1:1
1CT:1CT
1CT:1CT
1CT:1CT
1CT:1CT
1CT:1CT
1:1
1:1
1CT:1CT
1CT:1CT
1CT:1CT
1CT:1CT
1CT:1CT
1:1
1:1
1:1
1:1
1:1
1:1
1:1
1:1
1:1
1:1
1:1
1:1
1:1
1CT:1CT
2CT:1CT
1CT:1CT
1CT:1CT
1CT:1CT
1CT:1CT
2CT:1CT
2CT:1CT
1.25CT:1CT
1.25CT:1CT
1CT:1CT
1.25CT:1CT
1CT:1.41CT
1CT:1.41CT
1CT:1CT
1CT:1CT
1CT:1CT
1CT:1CT
1CT:1CT
1CT:1CT
1CT:1CT
1CT:1CT
2CT:1CT
2CT:1CT
2CT:1CT
2CT:1CT
2CT:1CT
1CT:1CT
1CT:1CT
1CT:1CT
-40
-40
-40
-40
-40
-40
-40
-40
-40
-40
-40
-40
-40
-40
-40
-40
-40
-40
-40
-40
-40
-40
-40
-40
-40
-40
-40
-40
-40
-35
-35
-35
-35
-35
-35
-35
-35
-35
-35
-35
-35
-35
-35
-35
-35
-35
-35
-35
-35
-35
-35
-35
-35
-35
-35
-35
-35
-35
1500
1500
1500
1500
1500
1500
1500
1500
1500
1500
1500
1500
1500
1500
1500
1500
1500
1500
1500
1500
1500
1500
1500
1500
1500
1500
1500
1500
1500
Part
Number
Return Loss
(dB MIN)
Crosstalk
(dBTYP)
Turns Ration
(±5%)
10-70 MHz
Receive
Transmit
-20dB
-20dB
-20dB
-20dB
-20dB
-20dB
-20dB
-20dB
-20dB
-20dB
-20dB
-20dB
-20dB
-20dB
-20dB
-20dB
-20dB
-20dB
-20dB
-20dB
-20dB
-20dB
-20dB
-20dB
-20dB
-20dB
-20dB
-20dB
-20dB
70-100 MHz 30 MHz
60 MHz
80 MHz
Hipot
(Vrms MIN)
Insertion Loss
100KHz-100MHz
(dB MAX)
-1.0
-1.0
-1.0
-1.0
-1.0
-1.0
-1.0
-1.0
-1.0
-1.0
-1.0
-1.0
-1.0
-1.0
-1.0
-1.0
-1.0
-1.0
-1.0
-1.0
-1.0
-1.0
-1.0
-1.0
-1.0
-1.0
-1.0
-1.0
-1.0
25
-15dB
-15dB
-15dB
-15dB
-15dB
-15dB
-15dB
-15dB
-15dB
-15dB
-15dB
-15dB
-15dB
-15dB
-15dB
-15dB
-15dB
-15dB
-15dB
-15dB
-15dB
-15dB
-15dB
-15dB
-15dB
-15dB
-15dB
-15dB
-15dB
-35
-35
-35
-35
-35
-35
-35
-35
-35
-35
-35
-35
-35
-35
-35
-35
-35
-35
-35
-35
-35
-35
-35
-35
-35
-35
-35
-35
-35


Similar Part No. - 2102

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
2102 GILWAY-2102 Datasheet
65Kb / 1P
T-1 Subminiature Lamps
logo
Pulse A Technitrol Comp...
2102 PULSE-2102 Datasheet
193Kb / 5P
SWITCH-MODE TRANSFORMER GUIDE
logo
Belden Inc.
2102 BELDEN-2102 Datasheet
492Kb / 4P
Fast Ethernet Cat5e Data Double-Ended Cordset
02-03-2025
logo
Sealevel Systems, Inc.
2102 SEALEVEL-2102 Datasheet
254Kb / 2P
USB to 1-Port RS-422, RS-485, RS-530 DB25 Serial Interface Adapter
logo
Adafruit Industries
2102 ADAFRUIT-2102 Datasheet
526Kb / 2P
IDC Breakout Helper - 2x5 (10 pin)
More results

Similar Description - 2102

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
ATM8Q15C XFMRS-ATM8Q15C Datasheet
110Kb / 1P
QUAD PORT 10/100BASE-TX MODULE
XFATM8Q12A XFMRS-XFATM8Q12A Datasheet
58Kb / 1P
Quad Port 10/100BASE-TX Module
XFATM8Q13 XFMRS-XFATM8Q13 Datasheet
53Kb / 1P
Quad Port 10/100BASE-TX Module
XFATM8Q13A XFMRS-XFATM8Q13A Datasheet
86Kb / 1P
Quad Port 10/100BASE-TX Module
XF10B4Q1 XFMRS-XF10B4Q1_10 Datasheet
53Kb / 1P
Quad Port 10BASE-TX Module
XFATM8Q7B XFMRS-XFATM8Q7B Datasheet
55Kb / 1P
Quad Port 10/100BASE-TX Module
XFATM8Q12 XFMRS-XFATM8Q12 Datasheet
56Kb / 1P
Quad Port 10/100BASE-TX Module
XFATM8Q15A XFMRS-XFATM8Q15A Datasheet
101Kb / 1P
Quad Port 10/100BASE-TX Module
XFATM8Q24 XFMRS-XFATM8Q24 Datasheet
75Kb / 1P
Quad Port 10/100BASE-TX Module
XFATM8Q16 XFMRS-XFATM8Q16_15 Datasheet
49Kb / 1P
Quad Port 10/100BASE-TX Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com