Electronic Components Datasheet Search
  English  ▼

X  

H7680 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # H7680
Description  Gated PMT Modules
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

H7680 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  H7680 Datasheet HTML 1Page - Hamamatsu Corporation H7680 Datasheet HTML 2Page - Hamamatsu Corporation H7680 Datasheet HTML 3Page - Hamamatsu Corporation H7680 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
53
Characteristics (Cathode radiant sensitivity, Quantum efficiency, Gain)
TPMOB0148EA
TPMOB0092EA
12
3
4
5
6
108
107
106
105
104
102
103
CONTROL VOLTAGE (V)
100
10
1
0.1
0.01
200
400
600
800
WAVELENGTH (nm)
QUANTUM
EFFICIENCY
CATHODE
RADIANT
SENSITIVITY
PMT Module with Added Functions
Parameter
H7680
H7680-01
Gate Mode
Gate Signal
Input
Gain Control
Mode
Gate Width (FWHM)
Rise Time, Fall Time
Repetition Rate
Switching Ratio
Switching Noise *4
Delay Time
Jitter
Level
Input Impedance
Pulse Width
Input Voltage
Input Impedance
Max.
Max.
Max.
Max.
Max.
20
100
107
60
200
1
C-MOS (High level: +3.5 V to +5 V)
50
+2.0 to +5.0
10
Normally ON
OFF time: 100 ns to
∞
100 ns to
∞
Normally OFF
ON time: 30 ns to
∞
30 ns to
∞
Unit
—
—
ns
kHz
—
mV
ns
ns
—
Ω
—
V
k
Ω
*4: Load resistance 50
Ω, peak to peak



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com