Electronic Components Datasheet Search
  English  ▼

X  

3012 Datasheet(PDF) 1 Page - XFMRS Inc.

Part # 3012
Description  POWER APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XFMRS [XFMRS Inc.]
Direct Link  http://www.xfmrs.com
Logo XFMRS - XFMRS Inc.

3012 Datasheet(HTML) 1 Page - XFMRS Inc.

  3012 Datasheet HTML 1Page - XFMRS Inc. 3012 Datasheet HTML 2Page - XFMRS Inc. 3012 Datasheet HTML 3Page - XFMRS Inc. 3012 Datasheet HTML 4Page - XFMRS Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
XFMRS
XFMRS, INC.
1940 Landersdale Road • Camby, Indiana 46113 • Tel. (317) 834-1066 • Fax: (317) 834-1067
XFMRS
1
POWER APPLICATIONS
COMMON MODE CHOKES
• COMPACT SIZE, YET HIGH POWERED
• 2500 VRMS ISOLATION STANDARD
• UL94VO
• COMPLIES WITH VDE 565-2
• NOMINAL VOLTAGE: 250VAC
• OTHER VALUES AND SIZES READILY AVAILABLE
ELECTRICAL SPECIFICATIONS @ 25OC
XF0033-V01
XF0073-V01
XF0103-V01
XF0153-V01
XF0183-V01
XF0303-V01
XF0503-V01
XF0033-H02
XF0073-H02
XF0103-H02
XF0153-H02
XF0183-H02
XF0303-H02
XF0503-H02
3
7
10
15
18
30
50
3
7
10
15
18
30
50
1.50
1.20
0.70
0.50
0.45
0.40
0.30
1.50
1.20
0.70
0.50
0.45
0.40
0.30
0.17
0.30
0.50
0.80
1.00
2.00
2.30
.0.17
0.30
0.70
0.80
1.00
2.00
2.30
800
400
350
300
200
180
100
800
400
350
300
200
180
100
PART
NUMBER
INDUCTANCE
(mh ±30%)
DCR
(OHMS ±20%)
CURRENT
(AAC)
RESONANT
FREQ. (kHz)


Similar Part No. - 3012

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
3012 SCHURTER-3012 Datasheet
385Kb / 3P
Power Cord with IEC Connector C13, Angled
3012 SCHURTER-3012 Datasheet
400Kb / 3P
Power entry modules without line filter
logo
List of Unclassifed Man...
3012 ETC2-3012 Datasheet
158Kb / 3P
3/8 Square Drive Sockets, SAE
logo
Abbatron All Rights Res...
3012 ABBATRON-3012 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Keystone Electronics Co...
3012 KEYSTONE-3012 Datasheet
392Kb / 1P
THRU HOLE (THM) & SURFACE MOUNT (SMT) COIN CELL RETAINERS
31-07 20th
More results

Similar Description - 3012

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SC3669 UTC-2SC3669 Datasheet
119Kb / 3P
POWER AMPLIFIER APPLICATIONS POWER SWITCHING APPLICATIONS
logo
Toshiba Semiconductor
2SA1213 TOSHIBA-2SA1213_07 Datasheet
169Kb / 5P
Power Amplifier Applications Power Switching Applications
2SA1315 TOSHIBA-2SA1315_07 Datasheet
155Kb / 5P
Power Amplifier Applications Power Switching Applications
2SA1681 TOSHIBA-2SA1681_07 Datasheet
162Kb / 4P
Power Amplifier Applications Power Switching Applications
2SA1734 TOSHIBA-2SA1734_07 Datasheet
167Kb / 5P
Power Amplifier Applications Power Switching Applications
2SA1761 TOSHIBA-2SA1761_09 Datasheet
186Kb / 4P
Power Amplifier Applications Power Switching Applications
2SA1892 TOSHIBA-2SA1892_06 Datasheet
159Kb / 5P
Power Amplifier Applications Power Switching Applications
2SA1926 TOSHIBA-2SA1926_10 Datasheet
107Kb / 3P
Power Amplifier Applications Power Switching Applications
2SC2873 TOSHIBA-2SC2873_04 Datasheet
163Kb / 5P
Power Amplifier Applications Power Switching Applications
2SC4540 TOSHIBA-2SC4540_04 Datasheet
150Kb / 4P
Power Amplifier Applications Power Switching Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com