Electronic Components Datasheet Search
  English  ▼

X  

APSRM4 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # APSRM4
Description  Remote Control Module - for Tripp Lite PowerVerter Inverters and Inverter/Chargers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

APSRM4 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  APSRM4 Datasheet HTML 1Page - List of Unclassifed Manufacturers APSRM4 Datasheet HTML 2Page - List of Unclassifed Manufacturers APSRM4 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Master Override Port and included 25-ft. cable enable automatic override of the Remote Control Module to shut off the connected Inverter or
Inverter/Charger under various safety/operational conditions
Specifications
OVERVIEW
Model Type
Remote Control Modules
LEDS ALARMS & SWITCHES
Switches
Remote Control Switch.
Front panel LEDs
Battery Charge and Operational LEDs.
PHYSICAL
Shipping Dimensions (HWD/in)
2.5 x 12 x 7.5
Shipping Dimensions (HWD/cm)
6.4 x 30.5 x 19.1 x .4
Shipping weight (lbs)
1
Shipping weight (kg)
.4
Unit Dimensions (HWD/in)
1.25 x 4 x 2.25
Unit Dimensions (HWD/cm)
3.2 x 10.2 x 5.7
Unit weight (lbs)
.4
Unit weight (kg)
.2
Material of construction
Metal.
WARRANTY
Product Warranty Period (Worldwide)
Lifetime limited warranty
© 2014 Tripp Lite. All rights reserved. All trademarks are the sole property of their respective owners. Tripp Lite has a policy of continuous improvement.
Specifications are subject to change without notice. Photos may differ slightly from final products.
2 / 2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com