Electronic Components Datasheet Search
  English  ▼

X  

H7732 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # H7732
Description  Side-on PMT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

H7732 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  H7732 Datasheet HTML 1Page - Hamamatsu Corporation H7732 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
25
Characteristics (Cathode radiant sensitivity, Gain)
Sensitivity Adjustment Method
Dimensional Outlines (Unit: mm)
TPMOB0141EB
TPMOB0142EB
TPMOC0148EC
TPMOA0004EE
TPMOC0123EC
Details of input window
WINDOW
EFFECTIVE
AREA
(4
× 20)
PHOTOCATHODE
WINDOW
2.5
+1.0
-0
1.5
+0.5
-0
8
TOP VIEW
FRONT VIEW
Current Output Type Photosensor Modules
WAVELENGTH (nm)
100
100
200
300
400
500
600
1000
700
900
800
10
1
0.1
H7732
H7732-01
H7732P-01
H7732-10
H7732P-11
1: GND
2: Vcc +15 V
3: Vcont +0.3 V to +1.1 V
4: Vref
5: GND
6: NC
BLACK:
RED:
WHITE:
BLUE:
GND
LOW VOLTAGE INPUT (+15 V)
Vcontrol INPUT (+0.3 V to +1.1 V)
Vref OUTPUT (+1.2 V)
C1
2
× 2-M3 DEPTH: 10
SIGNAL OUTPUT
BNC-R
POWER INPUT
HIROSE HR10A-7R-6P
50.0
± 0.5
10.0
± 0.5
19.0
± 0.5
8.0+0.5
- 0
R3
4-M3 DEPTH: 10
FRONT VIEW
SIDE VIEW
REAR VIEW
EFFECTIVE
AREA
(4
× 20)
38.0
± 0.5
27.0
± 0.5
Power cable with connector (HIROSE HR10A-7P-6S) is supplied with the H7732 series
700
± 20
CONTROL VOLTAGE (V)
107
108
106
105
104
103
102
0.25
0.5
0.3
0.7
0.4
1.0 1.2
1.5
2.0
H7732-10
H7732
H7732P-11
H7732-01, H7732P-01
When using a potentiometer to adjust sensitivity,
monitor the control voltage.
SIGNAL OUTPUT
PHOTOSENSOR MODULE
+
15 V
SIGNAL OUTPUT
PHOTOSENSOR MODULE
POWER SUPPLY
POWER SUPPLY
+0.3 V to
+1.1 V
GND
GND
• Adjust the control voltage to
adjust the sensitivity.
• Electrically insulate the
reference voltage output.
+
15 V
GND
Voltage Programming
Resistance Programming
POTENTIOMETER (10 k
Ω)
MONITOR
LOW VOLTAGE INPUT
GND
Vref OUTPUT
Vcontrol INPUT
LOW VOLTAGE INPUT
GND
Vref OUTPUT
Vcontrol INPUT



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com