Electronic Components Datasheet Search
  English  ▼

X  

SF67 Datasheet(PDF) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # SF67
Description  Superfast Recovery Rectitiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

SF67 Datasheet(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  SF67 Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. SF67 Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
· High surge capability
· Low forward voltage, high current capability
· Hermetically sealed
.052 (1.3)
· Superfast recovery times
(25.4) 1.0
.048 (1.2)
· Exceeds environmental standards of MIL-S-19500/228
MIN
· Low leakage.
(9.5) .375
MECHANICAL DATA
(7.2) .285
Case: Molded plastic, DO-201AD
.210 (5.3)
Epoxy: UL 94V-O rate flame retardant
(25.4) 1.0
.190 (4.8)
Lead: Axial leads, solderable per MIL-STD-202,
MIN
method 208 guaranteed
Polarity: Color band denotes cathode end
Mounting position: Any
Weight: 0.04ounce, 1.1gram
Maximum Ratings and Electrical Characteristics
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60HZ, resistive or inductive load.
For capacitive load, derate current by 20%.
Symbols
SF61
SF62
SF63
SF64
SF65
SF66
SF68
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
150
200
300
400
600
Volts
Maximum RMS Voltage
VRMS
35
70
105
140
210
280
420
Volts
Maximum DC Blocking Voltage
VDC
50
100
150
200
300
400
600
Volts
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at T A=55℃
Peak Forward Surge Current,
8.3ms single half-sine-wave
superimposed on rated load (JEDEC method)
Maximum Forward Voltage at 5.0A DC and 25℃
VF
1.7
Volts
Maximum Reverse Current
at TA=25℃
at Rated DC Blocking Voltage
TA=100℃
Typical Junction Capacitance (Note 1)
CJ
pF
Typical Thermal Resistance (Note 2)
RθJA
℃
/W
Maximum Reverse Recovery Time (Note 3)
TRR
50
nS
Operating Junction Temperature Range
TJ
℃
Storage Temperature Range
Tstg
℃
NOTES:
1- Measured at 1 MHZ and applied reverse voltage of 4.0 VDC.
2- Thermal Resistance Junction to Ambient and form junction to lead at 0.375"(9.5mm) lead length P.C.B. Mounted.
3- Reverse Recovery Test Conditions:IF=.5A,IR=1A,IRR=.25A.
Dimensions in inches and (millimeters)
IR
Amp
Amp
uAmp
0.95
1.25
I(AV)
IFSM
5.0
150
5.0
500
45
25
35
-55 to +125
-55 to +150
http://www.trr-jx.com
DO-201AD()
DO-201AD(DO-27)
Superfast Recovery Rectitiers
SF61 THRU SF68


Similar Part No. - SF67

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SF67 FORMOSA-SF67 Datasheet
36Kb / 2P
6.0 AMP SUPER FAST RECTIFIERS
logo
Taiwan Semiconductor Co...
SF67 TSC-SF67 Datasheet
70Kb / 2P
6.0 AMPS. Super Fast Rectifiers
SF67 TSC-SF67 Datasheet
254Kb / 2P
6.0 AMPS. Super Fast Rectifiers
logo
DAESAN ELECTRONIC CORP.
SF67 DAESAN-SF67 Datasheet
301Kb / 2P
CURRENT 6.0 Amperes VOLTAGE 50 to 600 Volts
logo
Yangzhou yangjie electr...
SF67 YANGJIE-SF67 Datasheet
779Kb / 2P
6.0 AMPS. SUPER FAST RECTIFIERS
More results

Similar Description - SF67

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
ER201G JUXING-ER201G Datasheet
811Kb / 2P
Superfast Recovery Rectitiers
SF31G JUXING-SF31G Datasheet
680Kb / 2P
Superfast Recovery Rectitiers
SF51 JUXING-SF51 Datasheet
569Kb / 2P
Superfast Recovery Rectitiers
SF21G JUXING-SF21G Datasheet
788Kb / 2P
Superfast Recovery Rectitiers
SF501 JUXING-SF501 Datasheet
1Mb / 3P
Superfast Recovery Rectitiers
SF508 JUXING-SF508 Datasheet
3Mb / 3P
Superfast Recovery Rectitiers
SF31 JUXING-SF31_18 Datasheet
707Kb / 2P
Superfast Recovery Rectitiers
SF51 JUXING-SF51_18 Datasheet
641Kb / 2P
Superfast Recovery Rectitiers
SFA06 JUXING-SFA06_15 Datasheet
1Mb / 2P
Superfast Recovery Rectitiers
DS601 JUXING-DS601 Datasheet
2Mb / 3P
Superfast Recovery Rectitiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com