Electronic Components Datasheet Search
  English  ▼

X  

H8249 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # H8249
Description  Side-on PMT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

H8249 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  H8249 Datasheet HTML 1Page - Hamamatsu Corporation H8249 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
33
Characteristics (Anode radiant sensitivity, PMT gain)
Sensitivity Adjustment Method
Dimensional Outlines (Unit: mm)
TPMOC0162ED
TPMOA0022EB
TPMOC0123EC
TPMOB0155EA
TPMOB0158EA
+15 V
-15 V
GND
+15 V
-15 V
GND
SIGNAL OUTPUT
COAXIAL CABLE
RED (LOW VOLTAGE INPUT)
GREEN (LOW VOLTAGE INPUT)
BLACK (GND)
BLUE (Vref OUTPUT)
WHITE (Vcontrol INPUT)
SIGNAL OUTPUT
PHOTOSENSOR MODULE
PHOTOSENSOR MODULE
POWER SUPPLY
POWER SUPPLY
+0.3 V to
+1.1 V
POTENTIOMETER (10 k
Ω)
MONITOR
VOLTAGE PROGRAMMING
RESISTANCE PROGRAMMING
• Adjust the control voltage to
adjust the sensitivity.
• Electrically insulate the
reference voltage output.
When using a potentiometer, adjust sensitivity
while monitoring the control voltage.
COAXIAL CABLE
RED (LOW VOLTAGE INPUT)
GREEN (LOW VOLTAGE INPUT)
BLACK (GND)
BLUE (Vref OUTPUT)
WHITE (Vcontrol INPUT)
GND
200
100
400
300
600
500
800
700
0.1
1
10
900
0.01
0.01
0.1
1
H8249-002
-012
-102
H8249-001
-011
-101
0.001
WAVELENGTH (nm)
-101
-102
-011
-012
-001
-002
PMT GAIN: 105
19.0
± 0.5
8.0+0.5
- 0
R3
C1
4-M3
DEPTH: 10
FRONT VIEW
SIDE VIEW
REAR VIEW
2
× 2-M3 DEPTH: 10
SIGNAL OUTPUT
BNC-R
POWER INPUT
HIROSE HR10A-7R-6P
EFFECTIVE
AREA
(4
× 20)
Power cable with connector (HIROSE HR10A-7P-6S) is supplied with the H8249 series
50.0
± 0.5
38.0
± 0.5
27.0
± 0.5
10.0
± 0.5
700
± 20
1: GND
2: Vcc +15 V
3: Vcont +0.3 V to +1.1 V
4: Vref
5: GND
6: Vee -15 V
BLACK:
RED:
WHITE:
BLUE:
GREEN:
GND
LOW VOLTAGE INPUT (+15 V)
Vcont INPUT (+0.3 V to +1.1 V)
Vref OUTPUT (+1.2 V)
LOW VOLTAGE INPUT (-15 V)
WINDOW
EFFECTVE
AREA
(4
× 20)
PHOTO-
CATHODE
WINDOW
FRONT VIEW
TOP VIEW
2.5
+1.0
-0
1.5
+0.5
-0
8
CONTROL VOLTAGE (V)
107
108
106
105
104
103
102
0.25
0.5
0.3
0.7
0.4
1.0 1.2
1.5
2.0
-101
-102
-001
-002
-011
-012
Voltage Output Type Photosensor Modules



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com