Electronic Components Datasheet Search
  English  ▼

X  

H8259 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # H8259
Description  Side-on PMT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

H8259 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  H8259 Datasheet HTML 1Page - Hamamatsu Corporation H8259 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
45
Characteristics (Count sensitivity, Dark count)
Block Diagram
Dimensional Outlines (Unit: mm)
Gate Timing Chart
Photon Counting Heads
TPHOC0023EC
TPHOC0044EB
TPHOA0027EB
TPMOC0167EA
PMT
COMPARATOR
PULSE
SHAPER
+
-
HV POWER SUPPLY
VOLTAGE DIVIDER
CIRCUIT
Vref
RL
50
Ω
OUTPUT
+5 V
POWER INPUT
GND
GATE INPUT
AMP
POSITIVE
LOGIC
TO
PULSE
COUNTER
19.0
± 0.5
8.0+0.5
- 0
R3
FRONT VIEW
SIDE VIEW
REAR VIEW
C1
4-M3 DEPTH: 10
2
× 2-M3 DEPTH: 10
POWER INPUT
HIROSE HR10A-7R-6P
EFFECTIVE AREA
(H8259, -01: 4
× 20)
(H8259-02 : 4
× 6)
SIGNAL OUTPUT
BNC-R
POWER CABLE WITH CONNECTOR (HIROSE HR10A-7P-6S) IS SUPPLIED WITH THE H8259 SERIES
50.0
± 0.5
38.0
± 0.5
27.0
± 0.5
10.0
± 0.5
1: GND
2: Vcc +5 V
3: IC*
4: IC*
5: GND
6: GATE
0 V: OPEN, 5 V: CLOSE
*Internal Connection (Do not use)
700
± 20
BLACK
RED
GREEN
: GND
: LOW VOLTAGE INPUT (+5 V)
: GATE SIGNAL INPUT
(0 V or GND: OPEN, 5 V: CLOSE)
50
µs to
∞
100
µs to
∞
GATE SIGNAL
INPUT
+3.5 V to +5 V at 1 k
Ω
PMT
OPERATION
ON
OFF
0 V
DELAY TIME:
600 ns MAX.
MIN. GATE "OFF" TIME: 50
µs
DELAY TIME:
500 ns MAX.
WINDOW
EFFECTVE
AREA
(H8259, -01: 4
× 20)
(H8259-02: 4
× 6)
2.5
+1.0
-0
1.5
+0.5
-0
8
PHOTOCATHODE
WINDOW
TOP VIEW
FRONT VIEW
TPHOB0023EE
TPHOB0024ED
WAVELENGTH (nm)
200
100
300
400
103
104
105
106
600
700
800
900
500
H8259-02
H8259
H8259-01
AMBIENT TEMPERATURE (
°C)
10
20
30
40
100
101
102
103
104
H8259-02
H8259-01
H8259



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com