Electronic Components Datasheet Search
  English  ▼

X  

H8481 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # H8481
Description  X-CUBE COMPACT X-RAY CCD CAMERAS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

H8481 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  H8481 Datasheet HTML 1Page - Hamamatsu Corporation H8481 Datasheet HTML 2Page - Hamamatsu Corporation H8481 Datasheet HTML 3Page - Hamamatsu Corporation H8481 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
X-ray tube voltage: 75 kV p
X-ray tube current: 100
µA
X-ray tube voltage: 40 kV p
X-ray tube current: 100
µA
X-ray tube voltage: 70 kV p
X-ray tube current: 100
µA
H8481
(High Resolution Type)
H8480
Visible image
Visible image
Conventional device
X-CUBE
(GOS sheet)
(CsI scintillator)
SAMPLE X-RAY IMAGES
X-RAY IMAGE COMPARISON (with GOS sheet)
(Effective area:
25 mm Min.)
(Effective area: 8.8 mm
× 6.6 mm)
GIC telephone card
GSeeds
GA phantom of a finger



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com