Electronic Components Datasheet Search
  English  ▼

X  

L2204 Datasheet(PDF) 3 Page - Hamamatsu Corporation

Part # L2204
Description  4-pin plastic package, infrared LED
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

L2204 Datasheet(HTML) 3 Page - Hamamatsu Corporation

  L2204 Datasheet HTML 1Page - Hamamatsu Corporation L2204 Datasheet HTML 2Page - Hamamatsu Corporation L2204 Datasheet HTML 3Page - Hamamatsu Corporation L2204 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Infrared LED
L2204/L2402/L3458 series
FREQUENCY (MHz)
-
20
0.01
0.1
1
10
-
10
0
+
10
(Typ. Ta=25 ˚C, IF=50 mA, Imod=1 mA)
L2204 SERIES
L2402/L3458 SERIES
AMBIENT TEMPERATURE (˚C)
(Typ. IF=50 mA)
0
-20
-40
-5
-4
-2
-3
-1
+3
+2
+1
0
20
40
60
80
100
L2204 SERIES
L3458 SERIES
L2402 SERIES
-40
-20
0
20
(Typ.)
40
60
80
100
0
40
60
80
100
AMBIENT TEMPERATURE (˚C)
20
DUTY RATIO (%)
(Typ. Ta=25 ˚C)
0.1
0.01
0.01
0.1
10
1
1
10
100
PULSE WIDTH=1 µs
PULSE WIDTH=100 µs
PULSE WIDTH=10 µs
s Frequency response
KLEDB0206EA
s Allowable forward current vs. ambient temperature
KLEDB0207EA
KLEDB0027EB
KLEDB0208EA
s Radiant output vs. ambient temperature
s Allowable forward current vs. duty ratio



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com