Electronic Components Datasheet Search
  English  ▼

X  

L2388 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # L2388
Description  TO-46 style GaAs infrared LED
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

L2388 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  L2388 Datasheet HTML 1Page - Hamamatsu Corporation L2388 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HAMAMATSU PHOTONICS K.K., Solid State Division
1126-1 Ichino-cho, Hamamatsu City, 435-8558 Japan, Telephone: (81) 053-434-3311, Fax: (81) 053-434-5184, http://www.hamamatsu.com
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P.O.Box 6910, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 08152-3750, Fax: (49) 08152-2658
France: Hamamatsu Photonics France S.A.R.L.: 8, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777
North Europe: Hamamatsu Photonics Norden AB: Smidesvägen 12, SE-171 41 Solna, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01
Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39) 02-935-81-733, Fax: (39) 02-935-81-741
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions.
Specifications are subject to change without notice. No patent rights are granted to any of the circuits described herein. ©2001 Hamamatsu Photonics K.K.
Infrared LED
L2388 series
Cat. No. KLED1012E01
Apr. 2001 DN
CLEAR EPOXY RESIN
5.4 ± 0.1
4.2 ± 0.1
0.45
LEAD
2.54 ± 0.2
COMMON TO CASE
4.65 ± 0.1
5.4 ± 0.2
2.54 ± 0.2
COMMON TO CASE
0.45
LEAD
800
0
20
40
60
80
100
WAVELENGTH (nm)
(Typ. Ta=25 ˚C, IF=50 mA)
900
1100
1000
FORWARD VOLTAGE (V)
(Typ. Ta=25 ˚C, tw=100 µs, 0.1 %)
1.5
1.0
1
10
1000
100
2.0
2.5
FORWARD CURRENT (mA)
(Typ. Ta=25 ˚C, tw=100 µs, 0.1 %)
10
1
0.1
1
1000
100
10
100
1000
L2388-01
L2388
AMBIENT TEMPERATURE (˚C)
(Typ. IF=50 mA)
0
-20
-40
-5
-4
-2
-3
-1
+3
+2
+1
0
20
40
60
80
100
RELATIVE RADIANT OUTPUT (%)
(Typ. Ta=25 ˚C)
80
%
40
%
60
%
20
%
20˚
10˚
0˚
10˚
20˚
90˚
80˚
50˚
40˚
30˚
70˚
60˚
90˚
80˚
50˚
40˚
30˚
70˚
60˚
L2388-01
L2388
100 %
-40
-20
0
20
(Typ.)
40
60
80
100
0
40
60
80
100
AMBIENT TEMPERATURE (˚C)
20
0.01
DUTY RATIO (%)
0.01
0.1
1
10
100
0.1
1
10
(Typ. Ta=25 ˚C)
PULSE WIDTH=100
µs
PULSE WIDTH=10
µs
s Dimensional outlines (unit: mm)
KLEDA0009ED
KLEDA0052EB
s Emission spectrum
s Radiant flux vs. forward current
s Radiant output vs. ambient
temperature
s Directivity
KLEDB0209EA
KLEDB0123EA
KLEDB0210EA
KLEDB0122EA
s Forward current vs. forward voltage
KLEDB0211EA
s Allowable forward current vs.
ambient temperature
KLEDB0027EB
➀ L2388
➁ L2388-01
s Allowable forward current
vs. duty ratio
KLEDB0038EA



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com