Electronic Components Datasheet Search
  English  ▼

X  

L2690 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # L2690
Description  High power GaAIAs infrared LED
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

L2690 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  L2690 Datasheet HTML 1Page - Hamamatsu Corporation L2690 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Infrared LED
L2690 series
HAMAMATSU PHOTONICS K.K., Solid State Division
1126-1 Ichino-cho, Hamamatsu City, 435-8558 Japan, Telephone: (81) 053-434-3311, Fax: (81) 053-434-5184, http://www.hamamatsu.com
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P.O.Box 6910, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 08152-3750, Fax: (49) 08152-2658
France: Hamamatsu Photonics France S.A.R.L.: 8, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777
North Europe: Hamamatsu Photonics Norden AB: Smidesvägen 12, SE-171 41 Solna, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01
Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39) 02-935-81-733, Fax: (39) 02-935-81-741
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions.
Specifications are subject to change without notice. No patent rights are granted to any of the circuits described herein. ©2001 Hamamatsu Photonics K.K.
Cat.No.KLED1029E01
Apr. 2001 DN
CLEAR EPOXY RESIN
5.4 ± 0.1
4.2 ± 0.1
0.45
LEAD
2.54 ± 0.2
COMMON TO CASE
4.65 ± 0.1
5.4 ± 0.2
2.54 ± 0.2
COMMON TO CASE
0.45
LEAD
0.01
0.1
1
10
100
0.01
0.1
1
10
DUTY RATIO (%)
PULSE WIDTH=10 µs
PULSE WIDTH=1 µs
PULSE WIDTH=100 µs
(Typ. Ta=25 ˚C)
700
800
900
1000
0
40
20
60
80
100
WAVELENGTH (nm)
(Typ. Ta=25 ˚C, IF=50 mA)
FORWARD VOLTAGE (V)
(Typ. Ta=25 ˚C, tw=100
µs, 0.1 %)
1.0
1.5
10
10000
1000
100
2.0
2.5
3.0
3.5
FORWARD CURRENT (mA)
(Typ. Ta=25 ˚C, tw=100
µs, 0.1 %)
1
1
10
1000
100
100
10
1000
10000
L2690-02
L2690
-40
-20
0
20
40
60
80
100
-5
-4
-2
0
-3
-1
+1
+2
+3
AMBIENT TEMPERATURE (˚C)
(Typ. IF=50 mA)
KLEDA0009ED
KLEDA0052EB
s Emission spectrum
s Radiant flux vs. forward current
s Radiant output vs. ambient
temperature
s Directivity
KLEDB0194EA
90˚
80˚
70˚
60˚
50˚
40˚
30˚
90˚
80˚
70˚
60˚
50˚
40˚
30˚
20˚
10˚ 0˚ 10˚
20˚
* L2690: directivity is shown within the ±70˚ range
while excluding reflective components.
0
20
40
60
80
100
20
40
60
80
100
RELATIVE RADIANT OUTPUT (%)
(Typ. Ta=25 ˚C)
L2690 *
L2690-02
KLEDB0125EA
KLEDB0195EA
KLEDB0117EB
s Forward current vs. forward voltage
KLEDB0145EA
-40
-20
0
20
(Typ.)
40
60
80
100
0
40
60
80
100
AMBIENT TEMPERATURE (˚C)
20
s Allowable forward current vs.
ambient temperature
KLEDB0027EB
s Allowable forward current vs.
duty ratio
KLEDB0149EA
s Dimensional outlines (unit: mm)
L2690-02
L2690



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com