Electronic Components Datasheet Search
  English  ▼

X  

LR1000 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LR1000
Description  Line Conditioner / AVR System - Automatic voltage regulator / power conditioner / AC surge suppressor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LR1000 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LR1000 Datasheet HTML 1Page - List of Unclassifed Manufacturers LR1000 Datasheet HTML 2Page - List of Unclassifed Manufacturers LR1000 Datasheet HTML 3Page - List of Unclassifed Manufacturers LR1000 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Outlet details
Includes 1 uniplug adapter that converts one of the built-in outlets to accept a variety of country specific plug types
INPUT
Input cord length (ft.)
6
Input cord length (m)
1.83
UPC ASSIGNMENT
Unit Carton UPC#
037332040152
LEDS ALARMS & SWITCHES
Front panel LEDs
7 LEDs show incoming voltage status, protection present and line fault conditions
PHYSICAL
Shipping weight (lbs)
9.00
Shipping weight (kg)
4.08
Unit Dimensions (HWD/in)
6.75 x 5.75 x 6.75
Unit Dimensions (HWD/cm)
17.15 x 14.61 x 17.15
Material of construction
Plastic
Form factors supported
Box-shaped power tap format
WARRANTY
Product Warranty Period
(International)
2-year limited warranty
Product Warranty Period (Mexico)
2-year limited warranty
Product Warranty Period (Puerto
Rico)
2-year limited warranty
Related Items
Optional Products
Model Number
Description
Qty.
UNIPLUGINT
Power Management Tools - Outlet Adapter
1
More information, including related products, owner's manuals, and additional technical specifications, can be found online at:
http://www.tripplite.com/sku/LR1000.
© 2014 Tripp Lite. All rights reserved. All trademarks are the sole property of their respective owners. Tripp Lite has a policy of continuous improvement.
2 / 3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com