Electronic Components Datasheet Search
  English  ▼

X  

L2791 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # L2791
Description  Small emission spot LED using current confined chip
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

L2791 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  L2791 Datasheet HTML 1Page - Hamamatsu Corporation L2791 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HAMAMATSU PHOTONICS K.K., Solid State Division
1126-1 Ichino-cho, Hamamatsu City, 435-8558 Japan, Telephone: (81) 053-434-3311, Fax: (81) 053-434-5184, http://www.hamamatsu.com
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P.O.Box 6910, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 08152-3750, Fax: (49) 08152-2658
France: Hamamatsu Photonics France S.A.R.L.: 8, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777
North Europe: Hamamatsu Photonics Norden AB: Smidesvägen 12, SE-171 41 Solna, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01
Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39) 02-935-81-733, Fax: (39) 02-935-81-741
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions.
Specifications are subject to change without notice. No patent rights are granted to any of the circuits described herein. ©2001 Hamamatsu Photonics K.K.
Infrared LED
L2791 series
Cat. No. KLED1021E01
Apr. 2001 DN
CLEAR EPOXY RESIN
5.4 ± 0.1
4.2 ± 0.1
0.45
LEAD
2.54 ± 0.2
COMMON TO CASE
4.65 ± 0.1
5.4 ± 0.2
2.54 ± 0.2
COMMON TO CASE
0.45
LEAD
700
800
900
1000
0
40
20
60
80
100
WAVELENGTH (nm)
(Typ. Ta=25 ˚C, IF=50 mA)
1.0
1.5
2.0
2.5
3.0
3.5
1
10
1000
100
FORWARD VOLTAGE (V)
(Typ. Ta=25 ˚C, tw=100 µs, 1 %)
FORWARD CURRENT (mA)
(Typ. Ta=25 ˚C, tw=100 µs, 0.1 %)
10
1
0.1
1
100
10
100
1000
L2791-03
L2791, L2791-02
90˚
80˚
70˚
60˚
50˚
40˚
30˚
90˚
80˚
70˚
60˚
50˚
40˚
30˚
20˚
10˚ 0˚ 10˚
20˚
* L2791-03: Except for reflection ingredient of the base.
0
20
40
60
80
100
20
40
60
80
100
RELATIVE RADIANT OUTPUT (%)
(Typ. Ta=25 ˚C)
L2791
L2791-03 *
L2791-02
-40
-20
0
20
40
60
80
100
-3
-2
0
-1
+1
AMBIENT TEMPERATURE (˚C)
(Typ. IF=50 mA)
-40
-20
0
20
(Typ.)
40
60
80
100
0
40
60
80
100
AMBIENT TEMPERATURE (˚C)
20
5.4 ± 0.2
4.7 ± 0.1
GLASS WINDOW
3.0 ± 0.1
2.54 ± 0.2
COMMON TO CASE
0.45
LEAD
KLEDB0158EA
KLEDB0160EA
KLEDB0161EA
KLEDA0058EA
s Emission spectrum
s Directivity
s Radiant flux vs. forward current
s Radiant output vs. ambient
temperature
s Forward current vs. forward voltage
KLEDB0162EA
KLEDB0159EA
KLEDA0059EA
s
s
s
s
s Dimensional outlines (unit: mm)
s Allowable forward current vs.
ambient temperature
KLEDB0027EB
KLEDA0060EA
➂ L2791-03
➁ L2791-02
➀ L2791
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com