Electronic Components Datasheet Search
  English  ▼

X  

L3989 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # L3989
Description  High power infrared LED
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

L3989 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  L3989 Datasheet HTML 1Page - Hamamatsu Corporation L3989 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HAMAMATSU PHOTONICS K.K., Solid State Division
1126-1 Ichino-cho, Hamamatsu City, 435-8558 Japan, Telephone: (81) 053-434-3311, Fax: (81) 053-434-5184, http://www.hamamatsu.com
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P.O.Box 6910, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 08152-3750, Fax: (49) 08152-2658
France: Hamamatsu Photonics France S.A.R.L.: 8, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777
North Europe: Hamamatsu Photonics Norden AB: Smidesvägen 12, SE-171 41 Solna, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01
Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39) 02-935-81-733, Fax: (39) 02-935-81-741
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions.
Specifications are subject to change without notice. No patent rights are granted to any of the circuits described herein. ©2001 Hamamatsu Photonics K.K.
Infrared LED
L3989 series
Cat. No. KLED1032E01
Apr. 2001 DN
4.65 ± 0.1
5.4 ± 0.2
2.54 ± 0.2
COMMON TO CASE
0.45
LEAD
5.4 ± 0.2
4.7 ± 0.1
GLASS WINDOW
4.0 ± 0.1
2.54 ± 0.2
COMMON TO CASE
0.45
LEAD
CLEAR EPOXY RESIN
5.4 ± 0.1
4.2 ± 0.1
0.45
LEAD
2.54 ± 0.2
COMMON TO CASE
WAVELENGTH (nm)
(Typ. Ta=25 ˚C, IF=50 mA)
800
700
0
20
100
80
60
40
900
1000
FORWARD VOLTAGE (V)
(Typ. Ta=25 ˚C, tw=100
µs, 0.1 %)
1.5
1.0
10
1000
100
2.0
2.5
FORWARD CURRENT (mA)
(Typ. Ta=25 ˚C, tw=100
µs, 0.1 %)
10
1
1
10
1000
100
100
1000
L3989
L3989-02
L3989-01
AMBIENT TEMPERATURE (˚C)
(Typ. IF=50 mA)
0
-20
-40
-5
-4
-2
-3
-1
+3
+2
+1
0
20
40
60
80
100
RELATIVE RADIANT OUTPUT (%)
(Typ. Ta=25 ˚C)
80 %
60 %
20˚
10˚
0˚
10˚
20˚
90˚
80˚
50˚
40˚
30˚
70˚
60˚
90˚
80˚
50˚
40˚
30˚
70˚
60˚
100
%
40
%
20
%
L3989-02
L3989-01
L3989
-40
-20
0
20
(Typ.)
40
60
80
100
0
40
60
80
100
AMBIENT TEMPERATURE (˚C)
20
KLEDA0064EB
KLEDA0068EA
s Emission spectrum
s Radiant flux vs. forward current
s Radiant output vs. ambient
temperature
s Directivity
KLEDB0213EA
KLEDB0215EA
KLEDB0214EA
KLEDB0212EA
s Forward current vs. forward voltage
KLEDB0216EA
s Allowable forward current vs.
ambient temperature
KLEDB0027EB
s Dimensional outlines (unit: mm)
KLEDA0067EA
➂ L3989-02
➁ L3989-01
➀ L3989



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com