Electronic Components Datasheet Search
  English  ▼

X  

L4100 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # L4100
Description  Resin-potted metal package LED
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

L4100 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  L4100 Datasheet HTML 1Page - Hamamatsu Corporation L4100 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LED
Infrared LED
Resin-potted metal package LED
L4100
Features
l High reliability
l High output power
Applications
l Auto focus
l Optical switches
l Auto control equipment
s
Absolute maximum ratings (Ta=25 °C)
Parameter
Symbol
Condition
Value
Unit
Forward current
IF
70
mA
Reverse voltage
VR
5
V
Pulse forward current
IFP
Pulse width=10 µs
Duty ratio=1 %
0.8
A
Operating temperature
Topr
-30 to +85
°C
Storage temperature
Tstg
-40 to +100 *
°C
* Guaranteed to resist temperature cycle test of up to 5 cycles
s
Electrical and optical characteristics (Ta=25 °C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Peak emission wavelength
λp
IF=50 mA
870
890
920
nm
Spectral half width
∆λ
IF=50 mA
-
50
-
nm
Forward voltage
VF
IF=50 mA
-
1.45
1.60
V
Pulse forward voltage
VFP
IF=0.8 A
-
3
3.7
V
Reverse current
IR
VR=5 V
-
-
5
µA
Radiant flux
φe
IF=50 mA
12
14
-
mW
Radiant illuminance
PE
IF=50 mA
-
1.3
-
mW/cm2
Rise time
tr
IF=50 mA
-
0.45
0.7
µs
Fall time
tf
IF=50 mA
-
0.45
0.7
µs


Similar Part No. - L4100

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L4100 HAMAMATSU-L4100_15 Datasheet
158Kb / 4P
Infrared LED
More results

Similar Description - L4100

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DDY-EJE-T2U-1 DOMINANT-DDY-EJE-T2U-1 Datasheet
816Kb / 12P
LED Colored Resin
DDR-SJE-Q2R-1 DOMINANT-DDR-SJE-Q2R-1 Datasheet
816Kb / 14P
LED Colored Resin
logo
OSRAM GmbH
Q65110A3342 OSRAM-Q65110A3342 Datasheet
388Kb / 20P
Package: SMT package 0603, colorless diffused resin
logo
Murata Power Solutions ...
SPM15 MURATA-PS-SPM15 Datasheet
911Kb / 36P
Single Output Potted Metal Package Isolated 15-Watt DC-DC Converters
logo
OSRAM GmbH
KRTB-EILP41.32 OSRAM-KRTB-EILP41.32 Datasheet
968Kb / 29P
SMT package, epoxy resin
KRTB-HDLP71.32 OSRAM-KRTB-HDLP71.32 Datasheet
656Kb / 28P
SMT package, epoxy resin
LB-V19G OSRAM-LB-V19G Datasheet
569Kb / 15P
SMT package, colorless diffused resin
LRTB-R48G OSRAM-LRTB-R48G Datasheet
1Mb / 29P
SMT package, epoxy resin
LTRB-R8SF OSRAM-LTRB-R8SF Datasheet
1Mb / 21P
SMD package with silicone resin
logo
Murata Manufacturing Co...
SPM25 MURATA1-SPM25 Datasheet
840Kb / 20P
Single Output Potted Metal Package Isolated 25-Watt DC-DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com