Electronic Components Datasheet Search
  English  ▼

X  

L4342 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # L4342
Description  SHORT-ARC TYPE METAL HALIDE LAMP
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

L4342 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  L4342 Datasheet HTML 1Page - Hamamatsu Corporation L4342 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SHORT-ARC TYPE
METAL HALIDE LAMP 150W L4342/L4342-01
q Comparison of Spectral Distribution
SPECIFICATIONS
HAMAMATSU PHOTONICS K.K., Electron Tube Center
314-5, Shimokanzo, Toyooka-village, Iwata-gun, Shizuoka-ken, 438-0193, Japan, Telephone: (81)539/62-5248, Fax: (81)539/62-2205, Telex: 4225-186HAMAHQ
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1)908-231-0960, Fax: (1)908-231-1218
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49)8152-375-0, Fax: (49)8152-2658
France: Hamamatsu Photonics France S.A.R.L.: 8, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: (33)1 69 53 71 00, Fax: (33)1 69 53 71 10
United Kingdom: Hamamatsu Photonics UK Limited: Lough Point, 2 Gladbeck Way, Windmill Hill, Enfield, Middlesex EN2 7JA, United Kingdom, Telephone: (44)181-367-3560, Fax: (44)181-367-6384
North Europe: Hamamatsu Photonics Norden AB: Färögatan 7, S-164-40 Kista, Sweden, Telephone: (46)8-703-29-50, Fax: (46)8-750-58-95
Italy: Hamamatsu Photonics Italia S.R.L.: Via Della Moia, 1/E 20020 Arese, (Milano), Italy, Telephone: (39)2-935 81 733, Fax: (39)2-935 81 741
TLSOB0017EA
DIMENSIONAL OUTLINE (Unit:mm)
* PATENT PENDING : JAPAN 17, USA 4, EUROPE 4
Lamp Power
150W
Lamp Voltage
80Vac
Lamp Current
1.9 Aac
Luminous Flux
11,400 lm
Luminous Efficiency
76 lm/W
Color Temperature
7500 K
Arc Gap
5.0 mm
Life (Expectancy)
3000 hours
TLSOA0013EE
M4
76
±2
22
±2
14.0
±0.5
5.0
±0.5
TLSO1010E06
NOV. 1997
Created in Japan
100
80
60
40
20
0
300
400
500
600
700
800
SHORT-ARC TYPE
METAL HALIDE LAMP
HALOGEN LAMP
XENON LAMP
WAVELENGTH(nm)
XENON LAMP
HALOGEN LAMP
SHORT-ARC TYPE
METAL HALIDE LAMP



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com