Electronic Components Datasheet Search
  English  ▼

X  

L6286 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # L6286
Description  Subminiature LED
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

L6286 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  L6286 Datasheet HTML 1Page - Hamamatsu Corporation L6286 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HAMAMATSU PHOTONICS K.K., Solid State Division
1126-1 Ichino-cho, Hamamatsu City, 435-8558 Japan, Telephone: (81) 053-434-3311, Fax: (81) 053-434-5184, http://www.hamamatsu.com
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P.O.Box 6910, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 08152-3750, Fax: (49) 08152-2658
France: Hamamatsu Photonics France S.A.R.L.: 8, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777
North Europe: Hamamatsu Photonics Norden AB: Smidesvägen 12, SE-171 41 Solna, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01
Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39) 02-935-81-733, Fax: (39) 02-935-81-741
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions.
Specifications are subject to change without notice. No patent rights are granted to any of the circuits described herein. ©2001 Hamamatsu Photonics K.K.
Infrared LED
L5276, L5586, L6286
Cat. No. KLED1015E01
Mar. 2001 DN
100
-25
0
25
50
75
0
AMBIENT TEMPERATURE (˚C)
70
60
50
40
30
20
10
L5276
L5586
L6286
20˚
10˚
0˚
10˚
20˚
90˚
80˚
50˚
40˚
30˚
70˚
60˚
90˚
80˚
50˚
40˚
30˚
70˚
60˚
80 %
40 %
60 %
L5586
20 %
100 %
RELATIVE RADIANT OUTPUT
L6286
L5276
(Typ. Ta=25 ˚C)
s Directivity
s Dimensional outline (unit: mm)
KLEDB0108EA
s Radiant output vs. ambient temperature
KLEDB0109EA
s Allowable forward current vs. ambient temperature
KLEDB0110EA
s Pulse forward current vs. duty ratio
KLEDB0111EA
0.1
-50
-25
0
25
50
75
100
(Typ. normalized at Ta=25 ˚C)
AMBIENT TEMPERATURE (˚C)
1
10
L5586, L6286
L5276
DUTY RATIO (%)
(Ta=25 ˚C, PULSE WIDTH
≤ 100 µs)
10000
1000
100
10
10
-1
10
2
10
1
10
0
3.5
5˚
10˚
3.5
0.6
0.4
2.54
(SPECIFIED AT THE LEAD ROOT)
1.3
1.6
0.72
0.57
0.16
R 0.45
10˚
5˚
Shaded area indicates burr.
Tolerance unless otherwise noted: ±0.2, ±2˚
Values in parentheses are not guaranteed,
but for reference.
BURR
KLEDA0023EA



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com