Electronic Components Datasheet Search
  English  ▼

X  

L6486 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # L6486
Description  Plastic package LED for camera auto-focus
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

L6486 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  L6486 Datasheet HTML 1Page - Hamamatsu Corporation L6486 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HAMAMATSU PHOTONICS K.K., Solid State Division
1126-1 Ichino-cho, Hamamatsu City, 435-8558 Japan, Telephone: (81) 053-434-3311, Fax: (81) 053-434-5184, http://www.hamamatsu.com
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P.O.Box 6910, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 08152-3750, Fax: (49) 08152-2658
France: Hamamatsu Photonics France S.A.R.L.: 8, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777
North Europe: Hamamatsu Photonics Norden AB: Smidesvägen 12, SE-171 41 Solna, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01
Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39) 02-935-81-733, Fax: (39) 02-935-81-741
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions.
Specifications are subject to change without notice. No patent rights are granted to any of the circuits described herein. ©2002 Hamamatsu Photonics K.K.
Infrared LED
L5871, L6486
Cat. No. KLED1020E02
Oct. 2002 DN
4.1 ± 0.2
(INCLUDING BURR)
(1.25)
1.95 ± 0.4
1.95 ± 0.4
0.9
+0.06
(REFERENCE HOLE)
4.0 ± 0.1
(1.25)
6.0 ± 0.06
-0
R0.4
+0.03
-0
7.9 ± 0.3
5˚
10˚
NC
ANODE
CATHODE
NC
ANODE
ANODE
0.8 ± 0.1
1.8 ± 0.1
WAVELENGTH (nm)
(Typ. Ta=25 ˚C, IF=50 mA)
800
700
0
20
100
80
60
40
900
1000
FORWARD VOLTAGE (V)
(Typ. Ta=25 ˚C, tw=100
µs, 1 %)
1.0
1.5
10
1000
100
2.0
2.5
3.0
FORWARD CURRENT (mA)
(Typ. Ta=25 ˚C, tw=100
µs, 0.1 %)
10
1
10
1000
100
100
1000
AMBIENT TEMPERATURE (˚C)
(Typ. IF=50 mA)
-40
-20
-5
+3
+2
+1
0
-1
-2
-3
-4
0
20406080
100
90˚
80˚
70˚
60˚
50˚
40˚
90˚
80˚
70˚
60˚
50˚
40˚
30˚
30˚
20˚
10˚
0˚
10˚
20˚
RELATIVE RADIANT OUTPUT (%)
(Typ. Ta=25 ˚C)
100 %
80 %
40 %
60 %
20 %
L6486
L5871
-40
-20
0
20
40
60
80
100
0
40
60
80
100
AMBIENT TEMPERATURE (˚C)
20
(Typ.)
KLEDA0057EA
I Emission spectrum
I Radiant flux vs. forward current
I Radiant output vs. ambient
temperature
I Directivity
KLEDB0151EA
KLEDB0152EB
KLEDB0198EA
KLEDB0138EB
I Forward current vs. forward voltage
KLEDB0200EA
I Allowable forward current vs. ambient
temperature
KLEDB0027EB
I Dimensional outline (unit: mm)
I Allowable forward current vs.
duty ratio
KLEDB0038EA
0.01
DUTY RATIO (%)
0.01
0.1
1
10
100
0.1
1
10
PULSE WIDTH=1
µs
(Typ. Ta=25 ˚C)
PULSE WIDTH=100
µs
PULSE WIDTH=10
µs
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com