Electronic Components Datasheet Search
  English  ▼

X  

PR60 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PR60
Description  60-Amp DC Power Supply - Precision Regulated AC-to-DC Conversion
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PR60 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PR60 Datasheet HTML 1Page - List of Unclassifed Manufacturers PR60 Datasheet HTML 2Page - List of Unclassifed Manufacturers PR60 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
60-Amp DC Power Supply - Precision Regulated
AC-to-DC Conversion
MODEL NUMBER: PR60
Description
Precision regulated DC power supplies are ideal for commercial/land-mobile, ham and CB radios, test bench
supplies, base stations, tape players and amplifiers. Designed for years of reliable service and superior
performance, they efficiently convert 120 volts AC into 13.8 volts DC (+/-0.5V). The Trim Line Series of DC power supplies offers a low-profile design with a
footprint that matches the most popular radios on the market, such as Motorola, Radius, GE Monogram Series and EF Johnson models. Compliant with the
Federal Trade Agreements Act (TAA) for GSA Schedule purchases
Features
Smaller footprint maximizes operating space
Crowbar overvoltage protection prevents damage to connected equipment due to overvoltages
Current-limiting electronic foldback enables time-controlled automatic overcurrent protection in case of overload
Solid state, integrated circuit maintains excellent regulation of output voltage
Regulated output voltage maintains up to 95% of no load value
High quality filtering creates very low ripple/low noise operation
Heavy-duty power transformer provides complete isolation from noise on incoming AC power
Large heat sinks and vented cabinets supply cool operation for continuous use and long life of the unit
Illuminated on/off switch
Connectors: Hardwire terminals / Red positive (+), Black negative (-)
Working Temperature Range: 0° C to 40° C (32° F to 104° F), 0 to 95% humidity, non-condensing
Storage Temperature Range: -15° C to 50° C (5° F to 122° F)
LED Indicators: Red LED indicates that DC output is being provided
Compliant with the Federal Trade Agreements Act (TAA) for GSA Schedule purchases
Specifications
Highlights
Smaller footprint maximizes
operating space
Crowbar overvoltage protection
prevents damage to connected
equipment due to overvoltages
Automatic time-controlled
overcurrent protection in case of
overload
Solid state, integrated circuit
maintains excellent regulation of
output voltage
Applications
250/300 watt transmitters, VHF/UHF
ham radios, commercial/land-mobile
radios, multi-piece equipment
installations, microwave radio
applications, test bench equipment,
point-of-sale displays, aquariums
1 / 2


Similar Part No. - PR60

ManufacturerPart #DatasheetDescription
logo
E-T-A Elektrotechnische...
PR60-111-122-11 E-T-A-PR60-111-122-11 Datasheet
263Kb / 4P
Power Relay PR60
PR60-111-122-12 E-T-A-PR60-111-122-12 Datasheet
263Kb / 4P
Power Relay PR60
PR60-111-124-11 E-T-A-PR60-111-124-11 Datasheet
263Kb / 4P
Power Relay PR60
PR60-111-124-12 E-T-A-PR60-111-124-12 Datasheet
263Kb / 4P
Power Relay PR60
PR60-111-222-11 E-T-A-PR60-111-222-11 Datasheet
263Kb / 4P
Power Relay PR60
More results

Similar Description - PR60

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PR10 ETC2-PR10 Datasheet
479Kb / 3P
10-Amp DC Power Supply - Precision Regulated AC-to-DC Conversi
PR25 ETC2-PR25 Datasheet
481Kb / 3P
25-Amp DC Power Supply - Precision Regulated AC-to-DC Conversion
PR40 ETC2-PR40 Datasheet
480Kb / 3P
40-Amp DC Power Supply - Precision Regulated AC-to-DC Conversion
PR50 ETC2-PR50 Datasheet
480Kb / 3P
50-Amp DC Power Supply - Precision Regulated AC-to-DC Conversion
logo
NTE Electronics
57-9D-500-1 NTE-57-9D-500-1 Datasheet
537Kb / 1P
9V AC-DC Switching Regulated Power Supply
57-12D-500-1 NTE-57-12D-500-1 Datasheet
2Mb / 1P
12V AC-DC Switching Regulated Power Supply
57-18D-500-1 NTE-57-18D-500-1 Datasheet
416Kb / 1P
18V AC-DC Switching Regulated Power Supply
57-24D-500-3 NTE-57-24D-500-3 Datasheet
777Kb / 1P
24V AC-DC Switching Regulated Power Supply
logo
Tripp Lite. All Rights ...
TLC11 TRIPPLITE-TLC11 Datasheet
143Kb / 1P
DC Power Supply - Precision Regulated AC-to-DC Conversion
logo
TRACO Electronic AG
TMM60 TRACOPOWER-TMM60 Datasheet
999Kb / 4P
AC/DC Power Supply TMM 60 Series, 60 Watt
Rev. March 16, 2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com