Electronic Components Datasheet Search
  English  ▼

X  

PV150 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PV150
Description  PowerVerter짰 150W Ultra-Compact Inverter with 1 AC Outlet
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PV150 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PV150 Datasheet HTML 1Page - List of Unclassifed Manufacturers PV150 Datasheet HTML 2Page - List of Unclassifed Manufacturers PV150 Datasheet HTML 3Page - List of Unclassifed Manufacturers PV150 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Output watts
150
Continuous output capacity (watts)
150
Peak output capacity (watts)
300
Output nominal voltage
120V
Output voltage regulation
Maintains PWM sine wave output voltage of 115 VAC (+/- 8 VAC)
Output frequency regulation
60 Hz (+/- 3 Hz)
Overload protection
20A automotive input fuse
Outlet quantity / type
1 NEMA 5-15R
INPUT
Maximum input amps / watts
Full continuous load - 14A at 12VDC, No load - 0.4A at 12VDC
Input connection type
12VDC cigarette lighter input plug connection
Input cord length (ft.)
3
Input cord length (m)
0.91
Voltage compatibility (VDC)
12
BATTERY
DC system voltage (VDC)
12
LEDS ALARMS & SWITCHES
Alarms
Dual function alarm indicates overload conditions or low DC input voltage of 10.5V or less.
Switches
Lighted on/off power switch
PHYSICAL
Shipping Dimensions (HWD/in)
2.25 x 10.5 x 6.5
Shipping Dimensions (HWD/cm)
5.72 x 26.67 x 16.51
Shipping weight (lbs)
1.5
Shipping weight (kg)
.68
Unit Dimensions (HWD/in)
1.75 x 3.75 x 5.75
Unit Dimensions (HWD/cm)
4.45 x 9.53 x 14.61
Unit weight (lbs)
1.3
Unit weight (kg)
.59
Cooling method
Convection
Material of construction
Aluminum / sheet metal
Style
Compact
2 / 3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com