Electronic Components Datasheet Search
  English  ▼

X  

PV2000FC Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PV2000FC
Description  PowerVerter짰 Plus 2000W Industrial-Strength Inverter with 2 Outlets
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PV2000FC Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PV2000FC Datasheet HTML 1Page - List of Unclassifed Manufacturers PV2000FC Datasheet HTML 2Page - List of Unclassifed Manufacturers PV2000FC Datasheet HTML 3Page - List of Unclassifed Manufacturers PV2000FC Datasheet HTML 4Page - List of Unclassifed Manufacturers PV2000FC Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
High-impact polycarbonate housing
RJ45 port allows connection of APS/PowerVerter Remote Switch (APSRM4)
Grounding lug properly connects the inverter system to earth ground or vehicle grounding system
Load sense function enables automatic inverter shutoff and startup as connected equipment is powered off and on.
Specifications
OVERVIEW
Intended Application
Utility/Long-Haul Truck; RV/Marine
OUTPUT
Frequency compatibility
60 Hz
Output watts
2000
Continuous output capacity (watts)
2000
Peak output capacity (watts)
4000
Output nominal voltage
120V
Output voltage regulation
Maintains PWM sine wave output voltage of 120 V AC (+/-5%)
Output frequency regulation
60 Hz (+/- 0.3 Hz)
Overload protection
Circuit breaker
Outlet quantity / type
2 NEMA 5-15R
INPUT
Recommended Electrical Service
Requires 12V DC input source capable of delivering 200A for the required duration (when used at full capacity). For
automotive applications, professional hardwire installation with 400A battery system fusing is recommended
Maximum input amps / watts
Full continuous load - 200A at 12V DC, No load - 2.2A at 12V DC
Input connection type
Set of 2 DC bolt-down wiring terminals
Input cord length details
User supplies cabling; 2/0 gauge or larger recommended
Voltage compatibility (VDC)
12
BATTERY
DC system voltage (VDC)
12
LEDS ALARMS & SWITCHES
Switches
3-position on/off/remote switch enables simple on/off power control plus "remote" setting that enables distant on/off
control of the inverter system when used in conjunction with optional APSRM4 accessory
Front panel LEDs
Set of 6 LEDs offers continuous status information on load percentage (6 levels reported) and battery charge level
(7 levels reported). See manual for sequences
PHYSICAL
2 / 4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com