Electronic Components Datasheet Search
  English  ▼

X  

RBC53 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RBC53
Description  UPS Replacement Battery Cartridge Kit for select Tripp Lite, Best, Powerware, Liebert and other UPS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RBC53 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RBC53 Datasheet HTML 1Page - List of Unclassifed Manufacturers RBC53 Datasheet HTML 2Page - List of Unclassifed Manufacturers RBC53 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UPS Replacement Battery Cartridge Kit for select
Tripp Lite, Best, Powerware, Liebert and other UPS
MODEL NUMBER: RBC53
Description
Tripp Lite's premium UPS replacement battery cartridges breathe new life into UPS systems suffering from
expired or weak internal batteries. Each replacement battery cartridge is carefully screened and certified to meet
or exceed original manufacturer specifications and ships ready for installation into your UPS system. Reusable packaging holds expired batteries for recycling
center delivery. Compatible with a wide variety UPS brands and models. See Tripp Lite's UPS replacement battery web page to confirm compatibility and
quantity required.
Features
Restore UPS runtime performance to its original runtime specifications
Reusable packaging contains expired batteries for recycling center delivery
Compatible with a variety of UPS brands
Specifications
BATTERY
Included Battery Set
Includes 3 12V batteries
Typical battery lifespan
3 - 5 years, depending on host UPS operating conditions
PHYSICAL
Shipping Dimensions (HWD/in)
6 x 7.5 x 12
Shipping Dimensions (HWD/cm)
15.2 x 19.1 x 30.5
Shipping weight (lbs)
19 (Package includes 3 batteries)
Shipping weight (kg)
8.6 (Package includes 3 batteries)
Highlights
Up to 30% longer runtime than
basic replacements
OEM certified premium batteries
Rugged, leakproof construction
Maintenance-free
Wide operating temperature
range
Applications
Extends the operating life of older
UPS systems
Restores or enhances runtimes
of all UPS systems exhibiting
reduced power failure runtime
Package Includes
3 12V UPS replacement batteries
Instruction manual with
installation, recycling and
warranty information
1 / 2


Similar Part No. - RBC53

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
RBC53 TRIPPLITE-RBC53 Datasheet
156Kb / 2P
UPS Replacement Battery Cartridge Kit for select Tripp Lite, Best, Powerware, Liebert and other UPS
More results

Similar Description - RBC53

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RBC58-2U ETC2-RBC58-2U Datasheet
475Kb / 2P
2U UPS Replacement Battery Cartridge for select Tripp Lite UPS systems
RBC52 ETC2-RBC52 Datasheet
474Kb / 3P
UPS Replacement Battery Cartridge for select Tripp Lite, Best, Liebert, Minuteman and other UPS
logo
Tripp Lite. All Rights ...
RBC24-SLT TRIPPLITE-RBC24-SLT Datasheet
162Kb / 2P
UPS Replacement 24VDC Battery Cartridge for select Tripp Lite SLT UPS
RBC53 TRIPPLITE-RBC53 Datasheet
156Kb / 2P
UPS Replacement Battery Cartridge Kit for select Tripp Lite, Best, Powerware, Liebert and other UPS
RBC24V-LCD TRIPPLITE-RBC24V-LCD Datasheet
158Kb / 2P
2U UPS Replacement Battery Cartridge for select Tripp Lite UPS
RBC36-SLT TRIPPLITE-RBC36-SLT Datasheet
161Kb / 2P
UPS Replacement 36VDC Battery Cartridge for select Tripp Lite SLT UPS
RBC51 TRIPPLITE-RBC51 Datasheet
155Kb / 2P
UPS Replacement Battery Cartridge for Tripp Lite, APC, Belkin, Best, Powerware, Liebert & other UPS
RBC52 TRIPPLITE-RBC52 Datasheet
154Kb / 2P
UPS Replacement Battery Cartridge for select Tripp Lite, Best, Liebert, Minuteman and other UPS
RBC54 TRIPPLITE-RBC54 Datasheet
156Kb / 2P
UPS Replacement Battery Cartridge Kit for select Tripp Lite, Best, Powerware, Liebert and other UPS
RBC24-SUTWR TRIPPLITE-RBC24-SUTWR Datasheet
157Kb / 2P
UPS Replacement Battery Cartridge for select Tripp Lite SmartOnline Tower UPS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com