Electronic Components Datasheet Search
  English  ▼

X  

L7307 Datasheet(PDF) 7 Page - Hamamatsu Corporation

Part # L7307
Description  The best light source is supported by the best electrode technology
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

L7307 Datasheet(HTML) 7 Page - Hamamatsu Corporation

  L7307 Datasheet HTML 1Page - Hamamatsu Corporation L7307 Datasheet HTML 2Page - Hamamatsu Corporation L7307 Datasheet HTML 3Page - Hamamatsu Corporation L7307 Datasheet HTML 4Page - Hamamatsu Corporation L7307 Datasheet HTML 5Page - Hamamatsu Corporation L7307 Datasheet HTML 6Page - Hamamatsu Corporation L7307 Datasheet HTML 7Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Calibrated Deuterium Light Source L7820
The L7820 is the calibrated light source consisting of L2D2 featur-
ing high stability and good repeatability, which are required for cal-
ibrated light source.
In order for anybody to achieve stable light, not only the lamp
design but also power supply and lamp housing design are
optimized. It delivers high stable light in the long and the short term
operation especially in the calibrated range of 250 nm to 400 nm.
The L7820 is suitable for quality control of light source, light detec-
tor and so on.
The certificate with JCSS logo mark is attached.
UV-VIS Fiber Light Source L7893 Series
This light source L7893 series incorporates a highly stable L2D2
lamp and a Tungsten lamp into a single compact housing with an
optical fiber light guide. The combination of these two lamps cov-
ers a wide spectral range from 200 nm to 1100 nm, yet offers highly
stable light output and long service life. This light source L7893 ser-
ies is ideal for a compact analytical equipment such as miniature
grating units, portable spectrophotometers and reflection meters.
Lamp Housing E8039
This lamp housing was designed to allow easy operation of deuteri-
um lamps such as L2D2 lamps and provide full lamp performance.
It accommodates a lamp with a flange so that no optical alignment
is required. The built-in interlock and forced-air cooling functions
ensure high safety. Collimating lenses and fiber guide adaptors are
also available as easy-to-replace options, which easily attach to the
light exit and allow obtaining the desired light beam.
For details, please refer to the catalogs which are available from our sales office.
CE Marking
This catalog contains products which are subject to CE Marking of European Union Directives. For further details, please consult Hamamatsu
sales office.
*
PATENTS: USA 6, PATENTS PENDING: JAPAN 7, USA 1, EUROPE 7
*
Information furnished by Hamamatsu is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions. Specifications are
subject to change without notice. No patent rights are granted to any of the circuits described herein. ©2001 Hamamatsu Photonics K.K.
TLSO1027E05
SEPT. 2002 IP (0106)
Printed in Japan (500)
L2D2 Lamps (Deuterium Lamps )
Related Products
Water-Cooled 150W VUV Deuterium Lamps
These water-cooled 150W lamps provide a radiant output 3 to 4
times higher than 30W lamps and are chiefly used as excitation
light sources. Two window materials, synthetic silica(L1314) and
MgF2(L1835) are available.
The MgF2 window type is widely used as a VUV light source in
photo CVD, solar simulator(in space) and other VUV applications. A
vacuum flange E3444 series are provided as an option allowing
simple connection to a vacuum instrument.
HAMAMATSU PHOTONICS K.K., Electron Tube Center
314-5, Shimokanzo, Toyooka-village, Iwata-gun, Shizuoka-ken, 438-0193, Japan, Telephone: (81)539/62-5248, Fax: (81)539/62-2205
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P. O. Box 6910, Bridgewater. N.J. 08807-0910, U.S.A., Telephone: (1)908-231-0960, Fax: (1)908-231-1218 E-mail: usa@hamamatsu.com
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49)8152-375-0, Fax: (49)8152-2658 E-mail: info@hamamatsu.de
France: Hamamatsu Photonics France S.A.R.L.: 8, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: (33)1 69 53 71 00, Fax: (33)1 69 53 71 10 E-mail: infos@hamamatsu.fr
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road Welwyn Garden City Hertfordshire AL7 1BW, United Kingdom, Telephone: 44-(0)1707-294888, Fax: 44(0)1707-325777 E-mail: info@hamamatsu.co.uk
North Europe: Hamamatsu Photonics Norden AB: Smidesvägen 12, SE-171-41 SOLNA, Sweden, Telephone: (46)8-509-031-00, Fax: (46)8-509-031-01 E-mail: info@hamamatsu.se
Italy: Hamamatsu Photonics Italia: S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39)02-935 81 733, Fax: (39)02-935 81 741 E-mail: info@hamamatsu.it
WEB SITE URL http://www.hamamatsu.com
TLSOF0140
TLSXF0159
TLSXF0148



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com