Electronic Components Datasheet Search
  English  ▼

X  

RM12 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # RM12
Description  Thick Film Chip Resistors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RM12 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  RM12 Datasheet HTML 1Page - List of Unclassifed Manufacturers RM12 Datasheet HTML 2Page - List of Unclassifed Manufacturers RM12 Datasheet HTML 3Page - List of Unclassifed Manufacturers RM12 Datasheet HTML 4Page - List of Unclassifed Manufacturers RM12 Datasheet HTML 5Page - List of Unclassifed Manufacturers RM12 Datasheet HTML 6Page - List of Unclassifed Manufacturers RM12 Datasheet HTML 7Page - List of Unclassifed Manufacturers RM12 Datasheet HTML 8Page - List of Unclassifed Manufacturers RM12 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
TA-I
Thick Film Chip Resistors
( Lead
– Free for RM 0 ohm series)
Document No.
TRM-XXOS102D
Revise Date
2011/08/12
page number
3 /11
TA-I TECHNOLOGY CO., LTD
5. Ratings & Characteristics :
OΩ THICK FILM CHIP RESISTORS
Type
Rated Current
DC DC inrush current (5 sec/one time)
Max Overload Current
Resistance Range
RM02
0.5A
1A
50mΩ MAX
RM04
1A
2.5A
50mΩ MAX
RM06
1A
2.5A
50mΩ MAX
RM10
2A
5A
50mΩ MAX
RM12
2A
5A
50mΩ MAX
RM13
2A
5A
50mΩ MAX
RM20
2A
5A
50mΩ MAX
RM25
2A
5A
50mΩ MAX
Operating Temp(℃): : -55℃ 〜 +155℃
( RM02
-55℃ 〜 +125℃ )
5.1 Derating Curve :
For resistors operated at ambient temperature over 70℃ , power rating shall be derated in
accordance with figure 1.
P max.
100
Power ratio ( % )
50
0
-55
50
70
100
125
155
Ambient
Temp. (
C )
Figure 1
RM04/06/10
RM12/13/20/25
RM02



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com