Electronic Components Datasheet Search
  English  ▼

X  

RM25 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # RM25
Description  Thick Film Chip Resistors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RM25 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  RM25 Datasheet HTML 1Page - List of Unclassifed Manufacturers RM25 Datasheet HTML 2Page - List of Unclassifed Manufacturers RM25 Datasheet HTML 3Page - List of Unclassifed Manufacturers RM25 Datasheet HTML 4Page - List of Unclassifed Manufacturers RM25 Datasheet HTML 5Page - List of Unclassifed Manufacturers RM25 Datasheet HTML 6Page - List of Unclassifed Manufacturers RM25 Datasheet HTML 7Page - List of Unclassifed Manufacturers RM25 Datasheet HTML 8Page - List of Unclassifed Manufacturers RM25 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Thick Film Chip Resistors
( Lead-Free for RM series standard )
Halogen-Free
Document No.
TRM-XX0S002C
Revise Date
2014/06/23
page number
3/13
TA-I TECHNOLOGY CO., LTD
5. Ratings & Characteristics :
Type
Power
Rating
at 70℃
Rating
Voltage
Max.
Working
Voltage
Max.
Over-
Load
Voltage
T.C.R
(PPM/℃
)
Resistance Range(Ω)
B(±0.1%)
E-96&E-24
D(±0.5%)
E-96&E-24
F(±1%)
E-96&E-24
G(±2%)
E-24
J(±5%)
E-24
RM02
1/20W
Refer
5.2
25V
50V
±200
100Ω -10KΩ
10Ω -2MΩ
10Ω -1MΩ
10Ω -10MΩ
+600
-200
1-9.1Ω
1-9.1Ω
RM04
1/16W
Refer
5.2
50V
100V
±100
100Ω ~499KΩ
100Ω ~1MΩ
100Ω ~1MΩ
±200
10Ω≦R<100Ω
10Ω≦R<100Ω
10Ω≦R<100Ω
1MΩ<R≦10MΩ
10Ω-10MΩ
10Ω-10MΩ
+500
-200
1Ω-9.1Ω
1Ω-9.1Ω
1Ω-9.1Ω
±400
10MΩ≦R≦20MΩ 10MΩ≦R≦20MΩ
RM06
1/10W
Refer
5.2
50V
100V
±100
10Ω-560kΩ
10Ω-1MΩ
10Ω-1MΩ
±200
1M<R≦10MΩ
10Ω-10MΩ
10Ω-10MΩ
±400
1Ω-9.1Ω
1Ω-9.1Ω
1Ω-9.1Ω
10MΩ<R≦20MΩ
RM10
1/8W
Refer
5.2
150V
300V
±100
10Ω-560kΩ
10Ω-1MΩ
10Ω-1MΩ
±200
1M<R≦10MΩ
10Ω-10MΩ
10Ω-10MΩ
±400
1Ω-9.1Ω
1Ω-9.1Ω
1Ω-9.1Ω
10MΩ<R≦20MΩ
RM12
1/4W
Refer
5.2
200V
400V
±100
10Ω-560kΩ
10Ω-1MΩ
10Ω-1MΩ
±200
1M<R≦10MΩ
10Ω-10MΩ
10Ω-10MΩ
±400
1Ω-9.1Ω
1Ω-9.1Ω
1Ω-9.1Ω
10MΩ<R≦20MΩ
RM13 1/3W
Refer
5.2
200V
400V
±100
10Ω-560kΩ
10Ω-1MΩ
10Ω-1MΩ
±200
1M<R≦10MΩ
10Ω-10MΩ
10Ω-10MΩ
±400
1Ω-9.1Ω
1Ω-9.1Ω
1Ω-9.1Ω
10MΩ<R≦20MΩ
RM20
1/2W
Refer
5.2
200V
400V
±100
10Ω-560kΩ
10Ω-1MΩ
10Ω-1MΩ
±200
1M<R≦10MΩ
10Ω-10MΩ
10Ω-10MΩ
±400
1Ω-9.1Ω
1Ω-9.1Ω
1Ω-9.1Ω
10M<R≦20MΩ
RM25
1W
Refer
5.2
200V
400V
±100
10Ω-560kΩ
10Ω-1MΩ
10Ω-1MΩ
±200
1M<R≦10MΩ
10Ω-10MΩ
10Ω-10MΩ
±400
1Ω-9.1Ω
1Ω-9.1Ω
1Ω-9.1Ω
10M<R≦20MΩ
OΩ THICK FILM CHIP RESISTORS
Type
Rated Current
Max Overload Current
Resistance Range
RM02
0.5A
1A
50mΩ MAX
RM04
1A
2.5A
50mΩ MAX
RM06
1A
2.5A
50mΩ MAX
RM10
2A
5A
50mΩ MAX
RM12
2A
5A
50mΩ MAX
RM13
2A
5A
50mΩ MAX
RM20
2A
5A
50mΩ MAX
RM25
2A
5A
50mΩ MAX
2. Operating Temp(℃) : -55℃ 〜 +155℃ ( RM02 -55℃ 〜 +125℃ )
Note : Except for the above standardized products, we also provide the customized products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com