Electronic Components Datasheet Search
  English  ▼

X  

RMF06DT103 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # RMF06DT103
Description  Automotive Grade Thick Film Chip Resistors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RMF06DT103 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button RMF06DT103 Datasheet HTML 5Page - List of Unclassifed Manufacturers RMF06DT103 Datasheet HTML 6Page - List of Unclassifed Manufacturers RMF06DT103 Datasheet HTML 7Page - List of Unclassifed Manufacturers RMF06DT103 Datasheet HTML 8Page - List of Unclassifed Manufacturers RMF06DT103 Datasheet HTML 9Page - List of Unclassifed Manufacturers RMF06DT103 Datasheet HTML 10Page - List of Unclassifed Manufacturers RMF06DT103 Datasheet HTML 11Page - List of Unclassifed Manufacturers RMF06DT103 Datasheet HTML 12Page - List of Unclassifed Manufacturers RMF06DT103 Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Automotive Grade
Thick Film Chip Resistors
( RMF series standard )
Halogen-Free
Document No.
TRMF-XX0S001A
Revise Date
2014/02/06
page number
9/13
TA-I TECHNOLOGY CO., LTD
8.1.3 4 mm pitch Emboss :
Packing
Type
A
B
W
F
E
P1
P2
P0
D0
T
Emboss
RMF20
2.8±0.2
5.3±0.2
12.0±0.2
5.5±0.05
1.75±0.1
4.0±0.1
2.0±0.05
4.0±0.05
+0.1
ψ
1.5
-0
0.85±0.15
RMF25
3.6±0.2
6.9±0.2
8.2 Reel Specifications:
UNIT: mm
Type
ψ
A
ψ
B
ψ
C
W
T
RMF02 / 04 / 06
RMF10 /12 /13
178.0 ± 2.0
60.0 ± 1.0
13.0 ± 1.0
9.0 ± 1.0
11.5 ± 1.0
RMF20 / 25
13.0 ± 1.0
15.5 ± 1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com