Electronic Components Datasheet Search
  English  ▼

X  

RMD06DB100 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # RMD06DB100
Description  Alloy Film Chip Resistors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RMD06DB100 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  RMD06DB100 Datasheet HTML 1Page - List of Unclassifed Manufacturers RMD06DB100 Datasheet HTML 2Page - List of Unclassifed Manufacturers RMD06DB100 Datasheet HTML 3Page - List of Unclassifed Manufacturers RMD06DB100 Datasheet HTML 4Page - List of Unclassifed Manufacturers RMD06DB100 Datasheet HTML 5Page - List of Unclassifed Manufacturers RMD06DB100 Datasheet HTML 6Page - List of Unclassifed Manufacturers RMD06DB100 Datasheet HTML 7Page - List of Unclassifed Manufacturers RMD06DB100 Datasheet HTML 8Page - List of Unclassifed Manufacturers RMD06DB100 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Alloy Film Chip Resistors
(Totally Lead Free for RMD series standard)
Halogen-Free
Document No. TRMD-XX0S001A
Revise Date
2012/10/18
page number
3/11
TA-I TECHNOLOGY CO., LTD
5.1 Derating Curve :
For resistors operated at ambient temperature over 70℃ , power rating shall be derated in
accordance with figure 1.
P max.
Power ratio (%)
Ambient
Temp. (
C )
Figure 1
5.2 Rated Voltage:
The rated voltage is calculated by the following formula:
E =
P * R
E=Rated Voltage(V)
P=Rated Power(W)
R=Resistance Value(Ω)
E.G. : What is RMD06JT100 the rated voltage ?
RMD06JT100 P:1/10W ; R:100 = 10Ω = 10Ω
E =
0.1(W) * 10(Ω)
= 0.32 (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com