Electronic Components Datasheet Search
  English  ▼

X  

RMF02GE103 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # RMF02GE103
Description  Automotive Grade Thick Film Chip Resistors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RMF02GE103 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button RMF02GE103 Datasheet HTML 5Page - List of Unclassifed Manufacturers RMF02GE103 Datasheet HTML 6Page - List of Unclassifed Manufacturers RMF02GE103 Datasheet HTML 7Page - List of Unclassifed Manufacturers RMF02GE103 Datasheet HTML 8Page - List of Unclassifed Manufacturers RMF02GE103 Datasheet HTML 9Page - List of Unclassifed Manufacturers RMF02GE103 Datasheet HTML 10Page - List of Unclassifed Manufacturers RMF02GE103 Datasheet HTML 11Page - List of Unclassifed Manufacturers RMF02GE103 Datasheet HTML 12Page - List of Unclassifed Manufacturers RMF02GE103 Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Automotive Grade
Thick Film Chip Resistors
( RMF series standard )
Halogen-Free
Document No.
TRMF-XX0S001A
Revise Date
2014/02/06
page number
10/13
TA-I TECHNOLOGY CO., LTD
8.3. Peel –off force :
Peel –off force of paper and blister tape is in accordance with “JIS-C5202 ”
that is , 0.1 to 0.7 N at a peel-off speed of 300 mm / minute.
9. Label :
9.1 Manufacture Label :
Date Code Resistance
Tolerance Type
Lot No:
9.2 Customer Label ( By customer request ):
Automotive Grade Products
Product Spec.
Customer No:
Date
Year Month
QTY: 5000 PCS
102
J
10860166K-
1108
RMF06
TA-I TECH
Automotive
0603 5%(T) 1KΩ
105A702723 RMF06JT102
10.05.21
carrier tape
top cover tape
10 ~ 15° standard: 0.1 ~ 0.7 N
P
ull
300 mm/min



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com