Electronic Components Datasheet Search
  English  ▼

X  

RMD06DT0 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RMD06DT0
Description  Alloy Film Chip Resistors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RMD06DT0 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RMD06DT0 Datasheet HTML 1Page - List of Unclassifed Manufacturers RMD06DT0 Datasheet HTML 2Page - List of Unclassifed Manufacturers RMD06DT0 Datasheet HTML 3Page - List of Unclassifed Manufacturers RMD06DT0 Datasheet HTML 4Page - List of Unclassifed Manufacturers RMD06DT0 Datasheet HTML 5Page - List of Unclassifed Manufacturers RMD06DT0 Datasheet HTML 6Page - List of Unclassifed Manufacturers RMD06DT0 Datasheet HTML 7Page - List of Unclassifed Manufacturers RMD06DT0 Datasheet HTML 8Page - List of Unclassifed Manufacturers RMD06DT0 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Alloy Film Chip Resistors
(Totally Lead Free for RMD series standard)
Halogen-Free
Document No. TRMD-XX0S001A
Revise Date
2012/10/18
page number
1/11
TA-I TECHNOLOGY CO., LTD
1. Scope :
This specification applies for the RMD series of alloy film chip resistors made by TA-I.
2. Construction:
3. Type Designation:
RMD
10
J
T
100
Product Code
Size
Tolerance
Packaging
Nominal
RMD : Chip Resistor
Power Rating
Resistance
Special
L : 06 – 2mm pitch
paper Tape
06-0603(1608) 1/10W
10-0805(2012) 1/8W
12-1206(3216) 1/4W
J-±5%
G-±2%
F-±1%
D-±0.5%
T-Paper Tape
E-Embossed Tape
B-Bulk Cassette
3 digits, e.g.,:
(E-24) 100 = 10Ω
0 = 0Ω
4 digits, e.g., :
(E-96) 10R0 = 10Ω
Ceramic Substrate
Ni Plating
Conductor
Sn Plating
Resistive Element
Over Coat (Color : Black)


Similar Part No. - RMD06DT0

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
RMD01 GULFSEMI-RMD01 Datasheet
139Kb / 2P
SINGLE PHASE GLASS PASSIVATED FAST RECOVERY SURFACE MOUNT BRIDGE RECTIFIER VOLTAGE: 100V CURRENT:0.8A
logo
Rectron Semiconductor
RMD02P60ES9 RECTRON-RMD02P60ES9 Datasheet
271Kb / 7P
P-Channel Enhancement Mode Power MOSFET
2021-09/J REV:O
logo
Gulf Semiconductor
RMD04 GULFSEMI-RMD04 Datasheet
139Kb / 2P
SINGLE PHASE GLASS PASSIVATED FAST RECOVERY SURFACE MOUNT BRIDGE RECTIFIER VOLTAGE: 400V CURRENT:0.8A
logo
Tyco Electronics
RMD05024 MACOM-RMD05024 Datasheet
175Kb / 3P
Power Relay
RMD05524 MACOM-RMD05524 Datasheet
175Kb / 3P
Power Relay
More results

Similar Description - RMD06DT0

ManufacturerPart #DatasheetDescription
logo
ABCO ELECTRONICS CO.LTD
ATR0402 ABCO-ATR0402 Datasheet
538Kb / 3P
THICK FILM CHIP RESISTORS
logo
Riedon Powertron
CRS0504 RIEDON-CRS0504 Datasheet
274Kb / 2P
Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-1TYJ474U PANASONIC-ERJ-1TYJ474U Datasheet
84Kb / 2P
Thick Film Chip Resistors
logo
Rohm
MCR03EZPFX1001 ROHM-MCR03EZPFX1001 Datasheet
143Kb / 7P
Thick Film Chip Resistors
logo
List of Unclassifed Man...
RBL10FTR030 ETC-RBL10FTR030 Datasheet
600Kb / 9P
Alloy Film Low Resistance Chip Resistors
RL10FTNR050 ETC-RL10FTNR050 Datasheet
715Kb / 9P
Alloy Film Chip Resistors Low Resistance
RL10FTNR100 ETC-RL10FTNR100 Datasheet
894Kb / 10P
Alloy Film Chip Resistors Low Resistance
RL12JTNR050 ETC-RL12JTNR050 Datasheet
655Kb / 9P
Alloy Film Chip Resistors Low Resistance
RL13FTNR020 ETC-RL13FTNR020 Datasheet
796Kb / 9P
Alloy Film Chip Resistors Low Resistance
RL25FENR020 ETC-RL25FENR020 Datasheet
574Kb / 9P
Alloy Film Chip Resistors Low Resistance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com