Electronic Components Datasheet Search
  English  ▼

X  

L8231 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # L8231
Description  Receptacle type, 1.3 關m, 1.25, 2.5 Gbps
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

L8231 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  L8231 Datasheet HTML 1Page - Hamamatsu Corporation L8231 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Laser diode
L8231/L7551 series
s Pin connection
Pin No.
L8231 series
L7551 series
➀
Anode (PD)
Cathode (PD)
➁
Anode (LD)
Cathode (LD)
➂
Cathode (LD)
Anode (LD)
➃
Cathode (PD)
Anode (PD)
12.7
10.16
5.08
c
7.5
2.0)
(
b
a
JIS C5973
SC RECEPTACLE
0.7 ± 0.1
2.75
22.5 ± 0.4
(16)
c
b
a
L8231-21
1.45
21.2 ± 0.4
(10)
L7551-21
a
( 2.5)
c
11.55 ± 0.1
b
JIS C5970
FC RECEPTACLE
SECTION A/A
2-56 UNC 2B
2 PLCS
(DEPTH: 4)
d
A
A
6.1 ± 0.1
9.2 ± 0.1
16.35 ± 0.3
(4.8)
2.8 ± 0.1
(16)
d
c
b
a
L8231-22
15.05 ± 0.3
(3.5)
1.75 ± 0.1
(10)
L7551-22
2.0)
(
0.7 ± 0.1
7.62
7.5
9.6
5.08
2.42
9.35
22.1
ab
2.0)
(
ANSI/TIA/EIA 604-10
LC RECEPTACLE
1.3
(16)
b
a
L8231-44
0
(10)
L7551-44
s Dimensional outlines (unit: mm, tolerance unless otherwise noted: ±0.2)
KLEDA0034EB
➀ L8231/L7551-21
KLEDA0035EB
➁ L8231/L7551-22
KLEDA0045EA
➂ L8231/L7551-23
KLEDA0036EB
➃ L8231/L7551-32
KLEDA0046EB
➄ L8231/L7551-44
2.0)
(
10.16
0.7 ± 0.1
12.0
5.08
7.5
1.21
20.5 ± 0.4
b
a
JIS C5983
MU RECEPTACLE
1.3
(16)
b
a
L8231-23
0
(10)
L7551-23
b
a
9.25 ± 0.1
2.0 ± 0.1
1.57 ± 0.1
5.5 ± 0.1
(2 ×)
2.2 ± 0.1
JIS C5970
FC RECEPTACLE
2.0)
(
(2 ×)
4.2 ± 0.1
8.8
(16)
b
a
L8231-32
7.5
(10)
L7551-32
HAMAMATSU PHOTONICS K.K., Solid State Division
1126-1 Ichino-cho, Hamamatsu City, 435-8558 Japan, Telephone: (81) 053-434-3311, Fax: (81) 053-434-5184, http://www.hamamatsu.com
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P.O.Box 6910, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 08152-3750, Fax: (49) 08152-2658
France: Hamamatsu Photonics France S.A.R.L.: 8, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777
North Europe: Hamamatsu Photonics Norden AB: Smidesvägen 12, SE-171 41 Solna, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01
Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39) 02-935-81-733, Fax: (39) 02-935-81-741
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions.
Specifications are subject to change without notice. No patent rights are granted to any of the circuits described herein. ©2002 Hamamatsu Photonics K.K.
Cat. No. KLED1018E04
Jan. 2002 DN
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com