Electronic Components Datasheet Search
  English  ▼

X  

L8245 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # L8245
Description  Peak emission wavelength: 1.65 關m
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

L8245 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  L8245 Datasheet HTML 1Page - Hamamatsu Corporation L8245 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Infrared LED
L8245
HAMAMATSU PHOTONICS K.K., Solid State Division
1126-1 Ichino-cho, Hamamatsu City, 435-8558 Japan, Telephone: (81) 053-434-3311, Fax: (81) 053-434-5184, http://www.hamamatsu.com
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P.O.Box 6910, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 08152-3750, Fax: (49) 08152-2658
France: Hamamatsu Photonics France S.A.R.L.: 8, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777
North Europe: Hamamatsu Photonics Norden AB: Smidesvägen 12, SE-171 41 Solna, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01
Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39) 02-935-81-733, Fax: (39) 02-935-81-741
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions.
Specifications are subject to change without notice. No patent rights are granted to any of the circuits described herein. ©2002 Hamamatsu Photonics K.K.
Cat. No. KLED1034E01
Jan. 2002 DN
1.2
1.4
1.6
1.8
2.0
0
40
20
60
80
100
WAVELENGTH (µm)
(Typ. Ta=25 ˚C, IF=50 mA)
-40
-20
0
20
40
60
80
100
-5
-4
-2
0
-3
-1
+1
+2
+3
AMBIENT TEMPERATURE (˚C)
(Typ. IF=50 mA)
-40
-20
0
20
(Typ.)
40
60
80
100
0
40
60
80
100
AMBIENT TEMPERATURE (˚C)
20
0.01
DUTY RATIO (%)
0.01
0.1
1
10
100
0.1
1
10
PULSE WIDTH=1 µs
(Typ. Ta=25 ˚C)
PULSE WIDTH=100 µs
PULSE WIDTH=10 µs
s Dimensional outline (unit: mm)
s Allowable forward current vs. duty ratio
s Allowable forward current vs. ambient temperature
s Emission spectrum
s Directivity
s Radiant output vs. ambient temperature
RELATIVE RADIANT OUTPUT (%)
(Typ. Ta=25 ˚C)
80 %
40 %
60 %
20 %
20˚
10˚
0˚
10˚
20˚
90˚
80˚
50˚
40˚
30˚
70˚
60˚
90˚
80˚
50˚
40˚
30˚
70˚
60˚
100
%
5.4 ± 0.2
4.7 ± 0.1
GLASS WINDOW
3.0 ± 0.1
2.54 ± 0.2
0.45
LEAD
COMMON TO CASE
KLEDA0071EA
KLEDB0225EA
KLEDB0222EA
KLEDB0223EA
KLEDB0224EA
KLEDB0027EB
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com