Electronic Components Datasheet Search
  English  ▼

X  

PS4816 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PS4816
Description  16-outlet Vertical Power Strip with 15-ft. Cord
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PS4816 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PS4816 Datasheet HTML 1Page - List of Unclassifed Manufacturers PS4816 Datasheet HTML 2Page - List of Unclassifed Manufacturers PS4816 Datasheet HTML 3Page - List of Unclassifed Manufacturers PS4816 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Circuit Breaker (amps)
15
Outlet quantity / type
16 Nema 5-15R
Outlet spacing
2.717 in.
INPUT
Nominal Input Voltage(s) Supported
120V AC
Recommended Electrical Service
15A 120V
Input connection type
Nema 5-15P
Input plug features
Black
Input cord length (ft.)
15
Input cord length (m)
4.572
Input cord gauge, type
14/3 SJT
Voltage compatibility (VAC)
120
LEDS ALARMS & SWITCHES
Switches
Lighted 2 position switch controls power to all outlets
Locking switch cover
Transparent on/off switch cover prevents accidental turn-off
PHYSICAL
Unit Dimensions (HWD/in)
48 x 1.5 x 1.5
Unit Dimensions (HWD/cm)
122 x 3.8 x 3.8
Unit weight (lbs)
4.3
Unit weight (kg)
1.9522
Material of construction
Aluminum
Mounting accessories included
Includes mounting clips
Receptacle Color
Black
AC line cord color
Black
Style
Bench/Cabinet Mount
Form factors supported
Supports horizontal or vertical raceway style power distribution in office, workbench, industrial, networking and
telecom applications
Outlets center to center
measurement
69mm
CERTIFICATIONS
UL1363 (Power Tap)
UL1363
cUL / CSA (Canada)
cUL
2 / 3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com