Electronic Components Datasheet Search
  English  ▼

X  

N7640 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # N7640
Description  EB-CCD TV SCAN RATE TYPE : N7640, SLOW SCAN TYPE : N7220
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

N7640 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  N7640 Datasheet HTML 1Page - Hamamatsu Corporation N7640 Datasheet HTML 2Page - Hamamatsu Corporation N7640 Datasheet HTML 3Page - Hamamatsu Corporation N7640 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
qHigh sensitivity video camera
• Semiconductor wafer inspection
• Real time fluorescence observation
• Biochemical emission imaging
• Biophoton imaging
APPLICATIONS
FEATURES
TV scan rate type
qResolution
400 TV lines
qGain
700
qDetection limit *1
0.3 mlx
Slow scan type
qResolution
450 TV lines
qGain
1300
qDetection limit
Detectable down to single photon
region
*1: Minimum illuminance on the photocathode required to produce an image.
TII B0020EA
100
200
300
400
500
600 700
800
900 1000
10-2
10-1
100
101
102
WAVELENGTH (nm)
CATHODE
SENSITIVITY
QUANTUM
EFFICIENCY
*3: At 25
°C, MPP (Multi-Pinned Phase) operation, 33 ms/frame
*4: At 0
°C, MPP (Multi-Pinned Phase) operation
Parameter
Parameter
Parameter
N7640
N7220
-6
700
400
9.2 ! 6.8
Proximity-focused
Synthetic silica
Multialkali
Poly Oxy Methylene (POM)
Teflon
φ53 ! 16.5 (excluding lead pins)
Focusing Method
Window Material
Photocathode
Maximum Supply Voltage
Gain (Typ.)*2
Limiting Resolution (Typ.)
Effective Area (H!V)
Casing Material
Lead Wire Sheath
Dimension
qEB-CCD
-8
1300
450
12.2 ! 12.2
Unit
N7640
N7220
Unit
Unit
-
-
-
kV
-
TV lines
mm
-
-
mm
Frame transfer
2/3 inch format
14 ! 14
658 ! 490
65 !103
*3 80 e- / (pixel·frame)
100
14
2 phases
2 phases
MOSFET source follower, two stages
with load
Full frame transfer
1 inch format
24 ! 24
512 ! 512
200 !103
*4 300 e- / (pixel·s)
50
1
2 phases
2 phases
MOSFET source follower, one stage
Drive Method
CCD Format
Pixel Size
Number of Effective Pixels (H!V)
Saturation Charge
Dark Current
Readout Noise*5
CCD Readout Frequency
Vertical Clock
Horizontal Clock
Output
qInternal CCD
qRatings
-
-
mm
-
electrons
-
e- RMS
MHz
-
-
-
Min.
Max.
-30
-40
Operating Temperature Range
Storage Temperature Range
+40
+40
°C
°C
*2: N7640
at -6 kV, N7220 at -8 kV
*5: N7640 at 12 MHz, N7220 at 150 kHz
SPECIFICATIONS
SPECTRAL RESPONSE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com