Electronic Components Datasheet Search
  English  ▼

X  

P2748 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # P2748
Description  MCT photoconductive detector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

P2748 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  P2748 Datasheet HTML 1Page - Hamamatsu Corporation P2748 Datasheet HTML 2Page - Hamamatsu Corporation P2748 Datasheet HTML 3Page - Hamamatsu Corporation P2748 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MCT photoconductive detector
P2748/P5274 series, P3257-50
100
10
1
10
100
FREQUENCY (Hz)
1000
10000
(Typ. )
WAVELENGTH (µm)
0
5
10
15
20
25
10
10
10
9
10
8
(Typ. T= -196 ˚C)
10
11
P5274-01
P2748-40
P5274
BIAS CURRENT (mA)
0
5
10
20
25
4
(Typ.)
15
8
12
16
20
D*
S
N
I Spectral response
KIRDB0072EC
I S/N vs. bias current
KIRDB0073EB
I Noise frequency characteristic
KIRDB0074EC
Spectral response can be shifted upon
request.
The detector must be operated in a range
where the D* becomes Max.
I Measurement circuit
KIRDC0007EA
CHOPPER
1200 Hz
BAND-PASS
FILTER
r.m.s.
METER
BLACK BODY
500 K
DETECTOR
fo=1200 Hz
∆f=120 Hz
INCIDENT ENERGY: 2.64 µW/cm
2
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com