Electronic Components Datasheet Search
  English  ▼

X  

P467 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # P467
Description  CdS photoconductive cell
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

P467 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  P467 Datasheet HTML 1Page - Hamamatsu Corporation P467 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HAMAMATSU PHOTONICS K.K., Solid State Division
1126-1 Ichino-cho, Hamamatsu City, 435-8558 Japan, Telephone: (81) 053-434-3311, Fax: (81) 053-434-5184, http://www.hamamatsu.com
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P.O.Box 6910, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 08152-3750, Fax: (49) 08152-2658
France: Hamamatsu Photonics France S.A.R.L.: 8, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777
North Europe: Hamamatsu Photonics Norden AB: Smidesvägen 12, SE-171 41 Solna, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01
Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39) 02-935-81-733, Fax: (39) 02-935-81-741
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions.
Specifications are subject to change without notice. No patent rights are granted to any of the circuits described herein. ©2003 Hamamatsu Photonics K.K.
CdS photoconductive cell
Metal package type
Cat. No. KCDS1004E03
Mar. 2003 DN
0.3
LEAD
PHOTOSENSITIVE
SURFACE
5.35 ± 0.2
4.75 ± 0.1
WINDOW 3.0 ± 0.2
2.5
PHOTOSENSITIVE
SURFACE
WINDOW 3.5 ± 0.2
3.4
6.5 ± 0.3
5.5 ± 0.1
0.3
LEAD
PHOTOSENSITIVE
SURFACE
5.0
9.1 ± 0.3
8.1 ± 0.1
WINDOW 5.9 ± 0.2
0.4
LEAD
PHOTOSENSITIVE
SURFACE
13.9 ± 0.3
12.4 ± 0.2
WINDOW
10.9 ± 0.3
7.5
0.45
LEAD
1000
100
10
1
0.1
0.1
1
10
100
ILLUMINANCE (lx)
(Typ. Ta=25 ˚C, light source: 2856 K)
P534
P380
P621
P368
P1114-01/-04
P201D
P930
P201B
P467
P3872
➃ 12M type (TO-8)
I Dimensional outlines (unit: mm)
KCDSA0007EB
➀ 5M type (TO-18)
KCDSA0008EA
➁ 6M type
KCDSA0009EB
➂ 8M type (TO-5)
KCDSA0010EA
I Resistance vs. illuminance
KCDSB0022EB
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com