Electronic Components Datasheet Search
  English  ▼

X  

P6291 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # P6291
Description  Photointerrupter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

P6291 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  P6291 Datasheet HTML 1Page - Hamamatsu Corporation P6291 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Photointerrupter
P6291
HAMAMATSU PHOTONICS K.K., Solid State Division
1126-1 Ichino-cho, Hamamatsu City, 435-8558 Japan, Telephone: (81) 053-434-3311, Fax: (81) 053-434-5184, http://www.hamamatsu.com
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P.O.Box 6910, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 08152-3750, Fax: (49) 08152-2658
France: Hamamatsu Photonics France S.A.R.L.: 8, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777
North Europe: Hamamatsu Photonics Norden AB: Smidesvägen 12, SE-171 41 Solna, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01
Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39) 02-935-81-733, Fax: (39) 02-935-81-741
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions.
Specifications are subject to change without notice. No patent rights are granted to any of the circuits described herein. ©2003 Hamamatsu Photonics K.K.
Cat. No. KPC1007E03
Jul. 2003 DN
PULSE INPUT
IF
5 V
Vo
GND
RL
0.01 µF
IF
tPLH
Vo
tr
tf
VOL
10 %
1.5 V
90 %
VOH
50 %
tPHL
KPCA0006EA
s Dimensional outline (unit: mm)
s LED forward current vs.
ambient temperature
s Allowable power dissipation vs.
ambient temperature
s Position detection characteristic (2)
s Threshold current vs. ambient temperature
KPCC0007EB
s Response time measuring circuit
KLEDB0081EA
KPCB0001EA
KPCB0005EA
KPCB0006EA
100
-25
0
255075
0
AMBIENT TEMPERATURE (˚C)
70
(Typ.)
60
50
40
30
20
10
AMBIENT TEMPERATURE (˚C)
100
80
60
40
20
0
-25
0
25
50
75
100
(Typ.)
(Typ. Ta=25 ˚C, IF=5 mA, Vcc=5 V, RL=1.2 k
Ω
0123
0
DISTANCE d (mm)
1
2
3
4
5
6
MASK
P6291
(Typ. Ta=25 ˚C, Vcc=5 V, RL=1.2 k
Ω)
-25
0
25
50
75
100
0.4
AMBIENT TEMPERATURE (˚C)
0.8
0.6
1
1.2
1.4
1.6
1.8
IFLH
IFHL
2.7
1.2
6.6
4.36
(SPECIFIED AT THE LEAD ROOT)
4.9
0.2 (RECEIVER SIDE)
0.4
2.54
(SPECIFIED AT THE LEAD ROOT)
0.16
ANODE
CATHODE
Vcc
GND
VO
EMITTER/
RECEIVER
AXIS
+0.2
-0.1
Tolerance unless otherwise noted: ±0.2
Values in parentheses are not guaranteed,
but for reference.
s Position detection characteristic (1)
KPCB0004EB
(Typ. Ta=25 ˚C, IF=5 mA, Vcc=5 V, RL=1.2 k
Ω)
0123
0
DISTANCE d (mm)
1
2
3
4
5
6
MASK
d
P6291
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com