Electronic Components Datasheet Search
  English  ▼

X  

P8212 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # P8212
Description  Light emitting/receiving module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

P8212 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  P8212 Datasheet HTML 1Page - Hamamatsu Corporation P8212 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HAMAMATSU PHOTONICS K.K., Solid State Division
1126-1 Ichino-cho, Hamamatsu City, 435-8558 Japan, Telephone: (81) 053-434-3311, Fax: (81) 053-434-5184, http://www.hamamatsu.com
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P.O.Box 6910, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 08152-3750, Fax: (49) 08152-2658
France: Hamamatsu Photonics France S.A.R.L.: 8, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777
North Europe: Hamamatsu Photonics Norden AB: Smidesvägen 12, SE-171 41 Solna, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01
Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39) 02-935-81-733, Fax: (39) 02-935-81-741
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions.
Specifications are subject to change without notice. No patent rights are granted to any of the circuits described herein. ©2001 Hamamatsu Photonics K.K.
Cat. No. KACC1057E01
Jan. 2001 DN
Light emitting/receiving module
P8212
WAVELENGTH (nm)
800
700
0
20
40
60
80
100
900
1000
(Typ. Ta=25 ˚C)
s Directivity: direction in long side
s Directivity: direction in short side
s Dimensional outline (unit: mm)
KPCB0021EA
KPCB0022EA
(Typ. Ta=25 ˚C)
ANGLE
-40˚
-30˚
-10˚
10˚
30˚
0
10
20
30
40
50
60
70
80
90
100
-20˚
0˚
20˚
40˚
PHOTODIODE
LED
(Typ. Ta=25 ˚C)
ANGLE
-40˚
-30˚
-10˚
10˚
30˚
0
10
20
30
40
50
60
70
80
90
100
-20˚
0˚
20˚
40˚
PHOTODIODE
LED
s Pulse forward voltage vs. pulse forward current (LED)
s Radiant intensity vs. pulse forward current (LED)
KPCB0023EA
(Typ. Ta=25 ˚C)
PULSE FORWARD CURRENT (mA)
0
200
600
1000
1400
0
1000
2000
3000
4000
400
800
1200
1600
(Typ. Ta=25 ˚C)
PULSE FORWARD CURRENT (mA)
0
200
600
1000
1400
0
1
2
3
4
5
6
7
8
9
10
400
800
1200
1600
PHOTODIODE INSIDE
LINE FIGURE
LED INSIDE
LINE FIGURE
33.5 ± 0.2
(2 ×) 6.90 ± 0.1
(18 ×) 2.30 ± 0.1
19.1 ± 0.2
MOLD BURR 0.3 MAX.
(22 ×) 0.5
0.8 ± 0.2
3.5 MAX.
MOLD BURR AREA
0.7 ± 0.2
1.5 ± 0.2
KPCA0008EA
s Emission spectrum
KLEDB0114EA
KPCB0024EA
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com