Electronic Components Datasheet Search
  English  ▼

X  

STRIKER Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # STRIKER
Description  7 outlet, 6-ft cord, 1080 joule strip - Protect It! Surge Suppressor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

STRIKER Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  STRIKER Datasheet HTML 1Page - List of Unclassifed Manufacturers STRIKER Datasheet HTML 2Page - List of Unclassifed Manufacturers STRIKER Datasheet HTML 3Page - List of Unclassifed Manufacturers STRIKER Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
7 outlet, 6-ft cord, 1080 joule strip - Protect It! Surge
Suppressor
MODEL NUMBER: STRIKER
Description
Tripp Lite's STRIKER offers economical AC surge suppression for protection of workstations, desktop PCs, telecom systems and other sensitive electronics.
AC surge suppression shields connected equipment from damage and performance problems due to transient surges. STRIKER offers 7 AC outlets, 6-ft. cord
and diagnostic LEDs to warn of wiring problems and suppressor damage. AC suppression rated at 1080 joules shields equipment from surges and line noise.
Attractive gray housing with keyhole mounting tabs and 1 designated transformer plug outlet offer convenient protection of desktop computer equipment and
accessories. $20,000 Ultimate Lifetime Insurance (USA & Canada only).
PLUG/OUTLETS: Input: NEMA5-15P/Output: 7 x NEMA5-15R/6-ft. AC line cord
ELECTRICAL: 120V AC, 50/60Hz, 15A (Requires NEMA5-15R wall receptacle)
FORMAT: Corded multi-outlet strip with 1 transformer-spaced outlet
SUPPRESSION: AC: 150V RMS Clamping/1080 joules/400V UL1449 Let-through Rating
Features
7 outlets
6-ft. cord
Surge suppression rating: 1080 joules
EMI/RFI noise filtering
Can accommodate 1 transformer without blocking remaining outlets
Diagnostic LED indicate protection present
Keyhole supports for wall mounting
$20,000 Ultimate Lifetime Insurance (USA and Canada Only) covers connected equipment
Specifications
OVERVIEW
Highlights
7 outlets/6-ft. cord
1080 joule surge suppression
rating
$20,000 Ultimate Lifetime
Insurance (USA & Canada only)
Applications
Ideal for any desktop, network or
home computing application
requiring AC line surge
protection.
Package Includes
STRIKER Surge Suppressor
Instruction manual with warranty
information
1 / 3


Similar Part No. - STRIKER

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
STR XPPOWER-STR Datasheet
360Kb / 4P
Switching Regulator
logo
CIT Relay & Switch
STR CIT-STR Datasheet
542Kb / 2P
Surface Mount, Process Sealed Tactile
Rev A 2020/12
logo
Sanken electric
STR 2A153 SANKEN-STR 2A153 Datasheet
357Kb / 18P
DIP8 package, connecting one side (pin5 to pin8) with a power MOSFET drain.
logo
List of Unclassifed Man...
STR 450A ETC-STR 450A Datasheet
96Kb / 7P
UHF RECEIVER OPERATING INSTRUCTIONS
1.1/October 1998
STR D1816 ETC-STR D1816 Datasheet
39Kb / 1P
STRD1816
More results

Similar Description - STRIKER

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SUPER7 ETC2-SUPER7 Datasheet
487Kb / 4P
7 outlet, 7-ft cord, 2160 joule strip - Protect It! Surge Suppressor
TLP604 ETC2-TLP604 Datasheet
496Kb / 4P
6 outlet, 4-ft cord, 790 joule strip - Protect It! Surge Suppressor
TLP604TEL ETC2-TLP604TEL Datasheet
505Kb / 5P
6-outlets, 4-ft cord, 790 joule strip, RJ11 protection - Protect It! Surge Suppressor
TLP606 ETC2-TLP606 Datasheet
493Kb / 4P
6-outlet, 6-ft cord, 790 joule strip - Protect It! Surge Suppressor
TLP712B ETC2-TLP712B Datasheet
480Kb / 4P
7 outlet, 12-ft cord, 1080 joule, black strip - Protect It! Surge Suppressor
TLP808 ETC2-TLP808 Datasheet
507Kb / 5P
8-outlet, 8-ft cord, 1440 joule - Protect It! Surge Suppressor
SUPER6TEL ETC2-SUPER6TEL Datasheet
490Kb / 5P
7-outlet, 6-ft cord, 1080 joule strip, RJ11 protection - Protect It! Surge Suppressor
SUPER7B ETC2-SUPER7B Datasheet
511Kb / 4P
7 outlet, 7-ft cord, 2160 joule black strip - Protect It Surge Suppressor
TLP707TEL ETC2-TLP707TEL Datasheet
499Kb / 5P
7 outlet, 7-ft cord, 1080 joules, tel/modem protection - Protect It! Surge Suppressor
logo
Tripp Lite. All Rights ...
TLP66NET TRIPPLITE-TLP66NET Datasheet
129Kb / 3P
6-outlet, 6ft cord, 1080 joules, RJ45 protection - Protect It! Surge Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com