Electronic Components Datasheet Search
  English  ▼

X  

SS100 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SS100
Description  Secure Terminal Server
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SS100 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SS100 Datasheet HTML 1Page - List of Unclassifed Manufacturers SS100 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SS100
HelloDevice Super single-port serial device server
Includes:
-
Quick Start Guide
-
External 110V or 230V power supply
-
Cable kit
Optional Accessories:
-
DIN-rail mount kit for the SS100
Ordering Information
Secure Terminal Server
HelloDevice Super Series,
SS100
Specifications
Serial Interface
* Serial speeds 75bps to 230Kbps
* Connector
- DB9: SS100
* Flow Control
- Hardware, Software
* Signals
- RS232 Rx, Tx, RTS, CTS, DTR, DSR, GND
- RS422 Rx+, Rx-, Tx+, Tx-
- RS485 Data+, Data-
* Surge protector equipped for serial port
Network Interfaces
* 10/100 Base-TX Ethernet with
- RJ45 Ethernet connector
* Supports static and dynamic IP address
Network Protocols
* ARP, IP/ICMP, DNS, Dynamic DNS
* SMTP with/without Authentication, pop-before SMTP
* DHCP client, NTP, PPPoE
* TCP, UDP, SSL v2 & v3, TLS v1, RFC-2217
* SSH v1 & v2,Telnet
* HTTP, HTTPS, SNMP v1 & v2
* Serial Port Access protocol
TCP, UDP, SSL v2 & v3, TLS v1, RFC-2217
Ethernet modem
* Full support for AT commands
Security
* SSH, SSL/TLS
* Data Encryption
* IP address filtering
* HTTPS
Management
* Web or console or Telnet/SSH
* HelloDevice Manager software
- O/S support: Windows 98/ME/NT/2000/XP
* System log delivery
- email or SYSLOG server
* Firmware
- Stored in Flash memory and downloadable via console or
telnet or web
Diagnostic LED
* Power
* Ready
* 10/100 Base Link, Act
* Serial InUse/Rx/Tx for each serial port
Power
* SS100: 5VDC, 0.5A@5VDC
Environmental
* Operating temperature: 0˚C to 50˚C
* Storage temperature: -20˚C to 66˚C
* Humidity: 90% Non-condensing
Physical properties
* SS100 100 x 72 x 25 (mm)
3.94 x 2.83 x 0.98 ( in.)
240g
Certification
* FCC(A), CE, MIC
Warranty
* 5-year limited warranty



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com