Electronic Components Datasheet Search
  English  ▼

X  

TLM609SA Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # TLM609SA
Description  6 outlet, 9-ft cord, 1500 joule Safety Surge Suppressor - Rugged, Safe Surge Suppression for Industrial/Automotive/Factory Environments
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TLM609SA Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  TLM609SA Datasheet HTML 1Page - List of Unclassifed Manufacturers TLM609SA Datasheet HTML 2Page - List of Unclassifed Manufacturers TLM609SA Datasheet HTML 3Page - List of Unclassifed Manufacturers TLM609SA Datasheet HTML 4Page - List of Unclassifed Manufacturers TLM609SA Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
EMI / RFI filtering
Up to 20 dB
DATALINE SURGE SUPPRESSION
Telephone/DSL Protection
No
Cable (Coax) Protection
No
Network (Ethernet) Protection
No
PHYSICAL
Shipping Dimensions (HWD/in)
16.17 x 7.10 x 2.7
Shipping Dimensions (HWD/cm)
41.07 x 18.03 x 6.86
Shipping weight (lbs)
3.18
Shipping weight (kg)
1.44
Unit Dimensions (HWD/in)
15.97 x 3.07 x 1.61
Unit Dimensions (HWD/cm)
40.56 x 7.80 x 4.09
Unit weight (lbs)
2.71
Unit weight (kg)
1.23
Material of construction
Metal
Integrated keyhole mounting tabs
Yes
Receptacle Color
black
AC line cord color
yellow
Style
Strip
Outlets center to center
measurement
Distance between standard outlets = 30.40mm; Distance between standard and transformer outlets = 45mm
Keyhole slot center to center
measurement
209.55mm
CERTIFICATIONS
UL1449 3rd Edition (AC
Suppression)
UL1449 3rd Edition
cUL / CSA (Canada)
cUL
Approvals
cULus, RoHS
WARRANTY
Product Warranty Period (Worldwide)
Lifetime limited warranty
Connected Equipment Insurance
(U.S., Canada & Puerto Rico)
$50,000 Ultimate Lifetime Insurance
© 2014 Tripp Lite. All rights reserved. All trademarks are the sole property of their respective owners. Tripp Lite has a policy of continuous improvement.
Specifications are subject to change without notice. Photos may differ slightly from final products.
3 / 4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com