Electronic Components Datasheet Search
  English  ▼

X  

TLP712B Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TLP712B
Description  7 outlet, 12-ft cord, 1080 joule, black strip - Protect It! Surge Suppressor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TLP712B Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TLP712B Datasheet HTML 1Page - List of Unclassifed Manufacturers TLP712B Datasheet HTML 2Page - List of Unclassifed Manufacturers TLP712B Datasheet HTML 3Page - List of Unclassifed Manufacturers TLP712B Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
7 outlet, 12-ft cord, 1080 joule, black strip - Protect
It! Surge Suppressor
MODEL NUMBER: TLP712B
Description
Tripp Lite's TLP712B surge suppressor offers economical AC surge suppression for protection of workstations, desktop PCs, telecom systems and other
sensitive electronics. AC surge suppression shields connected equipment from damage and performance problems due to transient surges. TLP712B offers 7
total outlets, 12 foot cord and diagnostic LED to confirm surge suppression in present. AC suppression rated at 1080 joules shields equipment from surges and
line noise. Attractive black suppressor housing with keyhole mounting slots and 1 designated transformer plug outlet offer convenient protection of desktop
computer equipment and accessories. $25,000 Ultimate Lifetime Insurance (USA, Puerto Rico and Canada only).`
PLUG/OUTLETS: Input: NEMA5-15P/Output: 7 NEMA5-15R/12 ft. AC line cord
ELECTRICAL: 120V AC, 50/60Hz, 15A (Requires NEMA5-15R wall receptacle)
FORMAT: Corded multi-outlet strip with 1 transformer spaced outlet
SUPPRESSION: AC: 150V RMS Clamping/1080 joules/400V UL1449 Let-through Rating
Features
7 outlets / 12-ft cord
Surge suppression rating: 1080 joules
Attractive black housing
EMI/RFI noise filtering
Can accommodate 1 transformer without blocking remaining outlets
Diagnostic LEDs indicate protection present & ground present
Keyhole supports for wall mounting
$25,000 Ultimate Lifetime Insurance (USA and Canada Only) covers connected equipment
Specifications
Highlights
7 outlets / 12-ft. cord
1080 joule rating
$25,000 Ultimate Lifetime
Insurance (USA, Puerto Rico &
Canada only)
Applications
Ideal for any desktop, network or
home computing application
requiring AC protection
Package Includes
TLP712B Surge Suppressor
Instruction manual and warranty
information
1 / 3


Similar Part No. - TLP712B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TLP712 ETC2-TLP712 Datasheet
52Kb / 4P
State of the art protection for every application
More results

Similar Description - TLP712B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STRIKER ETC2-STRIKER Datasheet
484Kb / 4P
7 outlet, 6-ft cord, 1080 joule strip - Protect It! Surge Suppressor
SUPER7 ETC2-SUPER7 Datasheet
487Kb / 4P
7 outlet, 7-ft cord, 2160 joule strip - Protect It! Surge Suppressor
TLP604 ETC2-TLP604 Datasheet
496Kb / 4P
6 outlet, 4-ft cord, 790 joule strip - Protect It! Surge Suppressor
TLP606 ETC2-TLP606 Datasheet
493Kb / 4P
6-outlet, 6-ft cord, 790 joule strip - Protect It! Surge Suppressor
TLP808 ETC2-TLP808 Datasheet
507Kb / 5P
8-outlet, 8-ft cord, 1440 joule - Protect It! Surge Suppressor
SUPER6TEL ETC2-SUPER6TEL Datasheet
490Kb / 5P
7-outlet, 6-ft cord, 1080 joule strip, RJ11 protection - Protect It! Surge Suppressor
SUPER7B ETC2-SUPER7B Datasheet
511Kb / 4P
7 outlet, 7-ft cord, 2160 joule black strip - Protect It Surge Suppressor
TLP707TEL ETC2-TLP707TEL Datasheet
499Kb / 5P
7 outlet, 7-ft cord, 1080 joules, tel/modem protection - Protect It! Surge Suppressor
logo
Tripp Lite. All Rights ...
TLP66NET TRIPPLITE-TLP66NET Datasheet
129Kb / 3P
6-outlet, 6ft cord, 1080 joules, RJ45 protection - Protect It! Surge Suppressor
TLP74RB TRIPPLITE-TLP74RB Datasheet
102Kb / 3P
7 outlet black strip, 540 joules Protect It! Surge Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com