Electronic Components Datasheet Search
  English  ▼

X  

TLP808 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TLP808
Description  8-outlet, 8-ft cord, 1440 joule - Protect It! Surge Suppressor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TLP808 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TLP808 Datasheet HTML 1Page - List of Unclassifed Manufacturers TLP808 Datasheet HTML 2Page - List of Unclassifed Manufacturers TLP808 Datasheet HTML 3Page - List of Unclassifed Manufacturers TLP808 Datasheet HTML 4Page - List of Unclassifed Manufacturers TLP808 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
8-outlet, 8-ft cord, 1440 joule - Protect It! Surge
Suppressor
MODEL NUMBER: TLP808
Description
Tripp Lite's TLP808 offers complete AC surge suppression for comprehensive system protection of workstations, desktop PCs, telecom systems and other
sensitive electronics. Heavy grade AC surge suppression shields connected equipment from damage and performance problems due to the heaviest transient
surges. TLP808 offers 8 total outlets, 8 foot cord with space-saving angled plug and diagnostic LEDs to warn of wiring problems and suppressor damage.
Network grade AC suppression rated at 1440 joules shields equipment from surges and line noise. Integrated child-safety outlet covers safely seal off unused
outlets. Attractive white suppressor housing with keyhole mounting tabs and 3 designated transformer plug outlets offers convenient protection of desktop
computer equipment and accessories. $75,000 connected equipment insurance (USA and Canada Only).
PLUG/OUTLETS: Input: NEMA5-15P/Output: 8 NEMA5-15R/8 ft. AC line cord
ELECTRICAL: 120V AC, 50/60Hz, 15A (Requires NEMA5-15R wall receptacle)
FORMAT: Corded multi-outlet strip with transformer spaced outlets
SUPPRESSION AC: 150V RMS Clamping/1440 joules
Features
1440 joules AC surge suppression shields equipment from the strongest surges and line noise
8 AC outlets with room for 3 transformer plugs without blocking outlets covers computers and all peripherals
Long 8 foot AC line cable with space-saving angle input plug conveniently reaches distant outlets
Lighted power switch with integrated 15 amp circuit breaker offers power control and overload protection
Integrated child-safety sliding outlet covers safely seal off all unused outlets
Diagnostic LEDs confirm outlet grounding and surge suppression status
Attractive white suppressor housing with keyhole mounting tabs allow versatile placement options
$75,000 Ultimate Lifetime Insurance (USA and Canada Only)
Specifications
Highlights
8 outlets / 8-ft. cord
1440 joule rating
$75,000 Ultimate Lifetime
Insurance (USA, Puerto Rico &
Canada only)
Applications
Ideal for any desktop, network or
home computing application
requiring AC protection.
Package Includes
TLP808 Surge Suppressor
Instruction manual with warranty
information
1 / 4


Similar Part No. - TLP808

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TLP808NETG ETC2-TLP808NETG Datasheet
534Kb / 5P
8 outlet, 8-ft cord, 2160 joules, 1-line tel/network protection Eco Energy-Saving Surge Suppressor
TLP808TEL ETC2-TLP808TEL Datasheet
510Kb / 5P
8-outlet, 8-ft cord, 2160 joule with modem/fax protection - Protect It! Surge Suppressor
TLP808TELTV ETC2-TLP808TELTV Datasheet
514Kb / 5P
8-outlet, 8-ft cord, 2160 joule, RJ11 and coaxial protection - Protect It! Surge Suppressor
More results

Similar Description - TLP808

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SK6-6 ETC2-SK6-6 Datasheet
484Kb / 4P
8-Outlet, Protect It! Surge Suppressor
STRIKER ETC2-STRIKER Datasheet
484Kb / 4P
7 outlet, 6-ft cord, 1080 joule strip - Protect It! Surge Suppressor
SUPER7 ETC2-SUPER7 Datasheet
487Kb / 4P
7 outlet, 7-ft cord, 2160 joule strip - Protect It! Surge Suppressor
TLP604 ETC2-TLP604 Datasheet
496Kb / 4P
6 outlet, 4-ft cord, 790 joule strip - Protect It! Surge Suppressor
TLP606 ETC2-TLP606 Datasheet
493Kb / 4P
6-outlet, 6-ft cord, 790 joule strip - Protect It! Surge Suppressor
TLP608 ETC2-TLP608 Datasheet
481Kb / 4P
6-outlets, 8-ft cord, 990 joule strip, Flat Plug - Protect It! Surge Suppressor
TLP712B ETC2-TLP712B Datasheet
480Kb / 4P
7 outlet, 12-ft cord, 1080 joule, black strip - Protect It! Surge Suppressor
TLP808TELTV ETC2-TLP808TELTV Datasheet
514Kb / 5P
8-outlet, 8-ft cord, 2160 joule, RJ11 and coaxial protection - Protect It! Surge Suppressor
SUPER7B ETC2-SUPER7B Datasheet
511Kb / 4P
7 outlet, 7-ft cord, 2160 joule black strip - Protect It Surge Suppressor
TLP808TEL ETC2-TLP808TEL Datasheet
510Kb / 5P
8-outlet, 8-ft cord, 2160 joule with modem/fax protection - Protect It! Surge Suppressor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com