Electronic Components Datasheet Search
  English  ▼

X  

R2078 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # R2078
Description  PHOTOMULTIPLIER TUBE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

R2078 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  R2078 Datasheet HTML 1Page - Hamamatsu Corporation R2078 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PHOTOMULTIPLIER TUBE R2078
Figure 1: Typical Spectral Response
TPMH1226E01
AUG. 1998
HAMAMATSU PHOTONICS K.K., Electoron Tube Center
314-5, Shimokanzo, Toyooka-village, Iwata-gun, Shizuoka-ken, 438-0193, Japan, Telephone: (81)539/62-5248, Fax: (81)539/62-2205
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P. O. Box 6910, Bridgewater. N.J. 08807-0910, U.S.A., Telephone: (1)908-231-0960, Fax: (1)908-231-1218
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49)8152-375-0, Fax: (49)8152-2658
France: Hamamatsu Photonics France S.A.R.L.: 8, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: (33)1 69 53 71 00, Fax: (33)1 69 53 71 10
United Kingdom: Hamamatsu Photonics UK Limited: Lough Point, 2 Gladbeck Way, Windmill Hill, Enfield, Middlesex EN2 7JA, United Kingdom, Telephone: (44)181-367-3560, Fax: (44)181-367-6384
North Europe: Hamamatsu Photonics Norden AB: Färögatan 7, S-164-40 Kista Sweden, Telephone: (46)8-703-29-50, Fax: (46)8-750-58-95
Italy: Hamamatsu Photonics Italia: S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39)02-935 81 733, Fax: (39)02-935 81 741
TPMHB0559EA
Figure 2: Typical Gain Characteristics
TPMHB0560EA
Figure 3: Dimensional Outline and Basing Diagram (Unit: mm)
TPMHA0438EA
TACCA0009EA
Socket
(E678-12A)
500
700
1000
1500
2000
3000
103
105
107
108
102
SUPPLY VOLTAGE (V)
104
106
DY1
DY3
DY5
DY7
P
DY9
DY10
DY8
DY6
DY4
DY2
3
4
5
6
10
11
12
13
14
17
K
Temporary Base Removed
DY1
DY3
DY5
DY7
P
DY9
DY2
K
1
2
3
4
5
6
7
8
9
10
11
12
DY10
DY8
DY6
DY4
Bottom View
2
8
25.4
± 0.8
21MIN.
FACEPLATE
PHOTOCATHODE
SEMIFLEXIBLE
LEADS
12 PIN BASE
JEDEC
No. B12-43
37.3
± 0.5
40
47
17
2- 3.2
34
102
101
100
10-1
10-2
10-3
10-4
10-5
10-6
200
700
600
500
400
300
WAVELENGTH (nm)
CATHODE
RADIANT
SENSITIVITY
QUANTUM
EFFICIENCY



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com