Electronic Components Datasheet Search
  English  ▼

X  

R2248 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # R2248
Description  PHOTOMULTlPLlER TUBE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

R2248 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  R2248 Datasheet HTML 1Page - Hamamatsu Corporation R2248 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GENERAL
Parameter
Description/Value
Unit
Spectral Response
Wavelength of Maximum Response
Photocathode
Window Material
Dynode
Base
Weight
Suitable Socket
nm
nm
—
mm
—
—
—
—
g
—
300 to 650
420
Bialkali
8
× 8
Borosilicate glass
Linear focused
8
11-pin glass base
Approx. 4.5
E678-11N (supplied)
Material
Minimum Useful Area
Structure
Number of Stages
PHOTOMULTIPLIER TUBE
R2248
MAXIMUM RATINGS (Absolute Maximum Values)
Information furnished by HA MAM ATS U is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions. Specifications are
subject to change without notice. No patent rights are granted to any of the circuits described herein.
© 1998 Hamamatsu Photonics K.K.
Subject to local technical requirements and regulations, availability of products included in this promotional material may var y. Please consult with our sales office.
10mm
× 10mm Square Envelope, Head-On Type
8-Stage, Bialkali Photocathode
CHARACTERISTICS (at 25
°C)
Parameter
Min.
Unit
Parameter
Value
Unit
Supply Voltage
Average Anode Current
Ambient Temperature
1500
250
0.03
-80 to +50
Vdc
Vdc
mA
°C
Between Anode and Cathode
Between Anode and Last Dynode
Cathode Sensitivity
Anode Sensitivity
Gain
Anode Dark Current (after 30min. storage in darkness)
Time Response
Luminous (2856K)
Radiant at 420nm
Blue (CS 5-58 filter)
Luminous (2856K)
Anode Pulse Rise Time
Electron Transit Time
60
—
—
30
—
—
—
95
76
9.5
100
1.1
× 106
1
0.9
9
µA/lm
mA/W
µA/lm-b
A/lm
—
nA
ns
ns
—
—
—
—
—
50
—
—
Typ.
Max.
Supply Voltage: 1250Vdc, K: Cathode, Dy: Dynode, P: Anode
VOLTAGE DISTRIBUTION RATIO AND SUPPLY VOLTAGE
Electrodes
Ratio
K
Dy1
2
Dy2
2
Dy3
1
Dy4
1
Dy5
1
Dy6
1
Dy7
1
Dy8
1
P
1


Similar Part No. - R2248

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R22 ETC2-R22 Datasheet
150Kb / 6P
Bimetal Cutouts Temperature Regulators Temperature Limiters
logo
JST Mfg. Co., Ltd.
R22-10 JST-R22-10 Datasheet
682Kb / 8P
RING TONGUE (R type) Non-insulated
R22-12 JST-R22-12 Datasheet
682Kb / 8P
RING TONGUE (R type) Non-insulated
R22-14 JST-R22-14 Datasheet
682Kb / 8P
RING TONGUE (R type) Non-insulated
logo
List of Unclassifed Man...
R22-5D16-12 ETC2-R22-5D16-12 Datasheet
565Kb / 1P
Sealed Construction
More results

Similar Description - R2248

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R1387 HAMAMATSU-R1387 Datasheet
21Kb / 2P
PHOTOMULTlPLlER TUBE
R2066 HAMAMATSU-R2066 Datasheet
21Kb / 2P
PHOTOMULTlPLlER TUBE
R2228 HAMAMATSU-R2228 Datasheet
22Kb / 2P
PHOTOMULTlPLlER TUBE
R2257 HAMAMATSU-R2257 Datasheet
25Kb / 2P
PHOTOMULTlPLlER TUBE
R3998-02 HAMAMATSU-R3998-02 Datasheet
22Kb / 2P
PHOTOMULTlPLlER TUBE
R5108 HAMAMATSU-R5108 Datasheet
59Kb / 4P
PHOTOMULTlPLlER TUBE
R5496 HAMAMATSU-R5496 Datasheet
59Kb / 2P
PHOTOMULTlPLlER TUBE
R580 HAMAMATSU-R580 Datasheet
22Kb / 2P
PHOTOMULTlPLlER TUBE
R6091 HAMAMATSU-R6091 Datasheet
22Kb / 2P
PHOTOMULTlPLlER TUBE
R7459 HAMAMATSU-R7459 Datasheet
47Kb / 2P
PHOTOMULTlPLlER TUBE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com