Electronic Components Datasheet Search
  English  ▼

X  

R2368 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # R2368
Description  PHOTOMULTlPLlER TUBE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

R2368 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  R2368 Datasheet HTML 1Page - Hamamatsu Corporation R2368 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PHOTOMULTIPLIER TUBE R2368
Figure 2: Typical Spatial Uniformity
TPMS1043E01
JUN. 1998
HAMAMATSU PHOTONICS K.K., Electoron Tube Center
314-5, Shimokanzo, Toyooka-village, Iwata-gun, Shizuoka-ken, 438-0193, Japan, Telephone: (81)539/62-5248, Fax: (81)539/62-2205
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P. O. Box 6910 Bridgewater. N.J. 08807-0910, U.S.A., Telephone: (1)908-231-0960, Fax: (1)908-231-1218
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49)8152-375-0, Fax: (49)8152-2658
France: Hamamatsu Photonics France S.A.R.L.: 8, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: (33)1 69 53 71 00, Fax: (33)1 69 53 71 10
United Kingdom: Hamamatsu Photonics UK Limted: Lough Point, 2 Gladbeck Way, Windmill Hill, Enfield, Middlesex EN2 7JA, United Kingdom, Telephone: (44)181-367-3560, Fax: (44)181-367-6384
North Europe: Hamamatsu Photonics Norden AB: Färögatan 7, S-164-40 Kista Sweden, Telephone: (46)8-703-29-50, Fax: (46)8-750-58-95
Italy: Hamamatsu Photonics Italia: S.R.L.: Via Della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39)2-935 81 733, Fax: (39)2-935 81 741
TPMSB0149EA
Figure 3: Dimensional Outline and Basing Diagram
(Unit: mm)
TPMSA0026EA
NOTES
1. Averaged over any interval of 30 seconds maximum.
2. Supply voltage of 1000 volts is applied between the cathode
and the anode using the voltage distribution ratio shown
below.
3. The light source is a tungsten filament lamp operated at a
distribution temperature of 2856K. The light input is 0.01
microlumen.
4. Under the same conditions as Note 3 except that the light
input is 0.01 lumen and 100 volts are applied between the
cathode and all other electrodes connected together as an
anode.
5. The red/white ratio is the quotiant of the cathode current
measured using a red filter (Toshiba R-68) interposed
between the light source and the tube by the cathode current
measured with the filter removed under the same condition
as Note 4.
6. The rise time is the time for the output pulse to rise from
10% to 90% of the peak amplitude when the entire photo-
cathode is illuminated by a delta function light pulse.
7. Hysteresis is a temporary instability in anode current after
light and voltage are applied.
K: Cathode, Dy: Dynode, P: Anode
Electrodes
Distribution
Ratio
K
Dy1
1
Dy2
1
Dy3
1
Dy4
1
Dy5
1
Dy6
1
Dy7
1
Dy8
1
Dy9
11
P
Warning-Personal Safety Hazards
Electrical Shock — Operating voltage
applied to this device presents shock hazard.
1
2
4
3
5
7
6
8
9
10
K
DY1
DY2
DY3
DY4
DY5
DY6
DY7
DY8
DY9
P
DIRECTION OF LIGHT
11
29.0 ± 1.7
18MIN.
PHOTO-
CATHODE
11 PIN BASE
JEDEC No. B11-88
32.2 ± 0.5
HA COATING
100
80
60
40
20
0
15
10
5
0
5
10
15
Y
X
15
10
5
0
5
10
15
DISTANCE FROM CENTER OF
PHOTOCATHODE (mm)
DISTANCE FROM CENTER OF
PHOTOCATHODE (mm)
SPOT SIZE
: 1mm DIA.
SUPPLY VOLTAGE: 1000V
WAVELENGTH
: 400nm
X-Axis
Y-Axis
CATHODE
ANODE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com