Electronic Components Datasheet Search
  English  ▼

X  

GS123 Datasheet(PDF) 1 Page - E-Tech Electronics LTD

Part # GS123
Description  The GS123 is designed for general purpose amplifier applications.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

GS123 Datasheet(HTML) 1 Page - E-Tech Electronics LTD

  GS123 Datasheet HTML 1Page - E-Tech Electronics LTD GS123 Datasheet HTML 2Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1/2
ISSUED DATE :2005/02/25
REVISED DATE :
G
G S
S 112233
N
N P
P N
N E
E P
P II T
T A
A X
X II A
A L
L T
T R
R A
A N
N S
S II S
S T
T O
O R
R
Description
The GS123 is designed for general purpose amplifier applications.
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
0.80
1.10
L1
0.42 REF.
A1
0
0.10
L
0.15
0.35
A2
0.80
1.00
b
0.25
0.40
D
1.80
2.20
c
0.10
0.25
E
1.15
1.35
e
0.65 REF.
HE
1.80
2.40
Q1
0.15 BSC.
Absolute Maximum Ratings at Ta = 25 ::::
Parameter
Symbol
Ratings
Unit
Junction Temperature
Tj
+150
Storage Temperature
Tstg
-55 ~ +150
Collector to Base Voltage
VCBO
25
V
Collector to Emitter Voltage
VCEO
20
V
Emitter to Base Voltage
VEBO
5
V
Collector Current
IC
700
mA
Total Power Dissipation
PD
225
mW
Characteristics at Ta = 25 ::::
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
25
-
-
V
IC=10uA , IE=0
BVCEO
20
-
-
V
IC=1mA, IB=0
BVEBO
5
-
-
V
IE=10uA, IC=0
ICBO
-
-
1
uA
VCB=20V, IE=0
VCE(sat)
-
-
400
mV
IC=500mA, IB=50mA
VBE(on)
-
-
1
V
VCE=1V, IC=150mA
hFE
150
-
300
VCE=1V, IC=150mA
fT
150
-
-
MHz
VCE=10V, IC=20mA, f=100MHz
Cob
-
-
10
pF
VCB=10V, f=1MHz


Similar Part No. - GS123

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GS123 GTM-GS123 Datasheet
155Kb / 2P
NPN EPITAXIAL TRANSISTOR
logo
Semtech Corporation
GS12341 SEMTECH-GS12341 Datasheet
4Mb / 109P
12G UHD-SDI Reclocking Adaptive Cable Equalizer
GS12341-INE3 SEMTECH-GS12341-INE3 Datasheet
4Mb / 109P
12G UHD-SDI Reclocking Adaptive Cable Equalizer
GS12341-INTE3 SEMTECH-GS12341-INTE3 Datasheet
4Mb / 109P
12G UHD-SDI Reclocking Adaptive Cable Equalizer
GS12341-INTE3Z SEMTECH-GS12341-INTE3Z Datasheet
4Mb / 109P
12G UHD-SDI Reclocking Adaptive Cable Equalizer
More results

Similar Description - GS123

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
G2N3904 ETL-G2N3904 Datasheet
131Kb / 2P
The G2N3904 is designed for general purpose switching and amplifier applications.
G2N3906 ETL-G2N3906 Datasheet
206Kb / 1P
The G2N3906 is designed for general purpose switching and amplifier applications
G2N4401 ETL-G2N4401 Datasheet
132Kb / 2P
The G2N4401 is designed for general purpose switching and amplifier applications.
G2N4403 ETL-G2N4403 Datasheet
113Kb / 2P
The G2N4403 is designed for general purpose switching and amplifier applications.
G2N5551 ETL-G2N5551 Datasheet
154Kb / 3P
The G2N5551 is designed for general purpose switching and amplifier applications.
G8550S ETL-G8550S Datasheet
177Kb / 3P
The G8550S is designed for general purpose amplifier applications
G9014 ETL-G9014 Datasheet
184Kb / 3P
The G9014 is designed for general purpose amplifier applications
GMBTA06 ETL-GMBTA06 Datasheet
233Kb / 2P
The GMBTA06 is designed for general purpose amplifier applications
GMSD1664 ETL-GMSD1664 Datasheet
193Kb / 2P
The GMSD1664 is designed for general purpose amplifier applications.
GSB1694 ETL-GSB1694 Datasheet
125Kb / 2P
The GSB1694 is designed for general purpose amplifier applications
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com